データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIPS15C60-H データシート(PDF) 10 Page - STMicroelectronics

部品番号 STGIPS15C60-H
部品情報  Short-circuit rugged IGBTs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60-H データシート(HTML) 10 Page - STMicroelectronics

Back Button STGIPS15C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 9Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 10Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 11Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 12Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 13Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
STGIPS15C60-H
10/20
DocID025058 Rev 3
Note:
X: don’t care
Table 11. Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN(i) = 1 V
-
3
µA
Vol
Open-drain low-level output
voltage
Iod = 3 mA
-
0.5
V
td_comp
Comparator delay
SD/OD pulled to 5 V through
100 k
Ω resistor
-
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu = 5 kΩ
-60
V/µsec
tsd
Shut down to high / low side
driver propagation delay
VOUT = 0, Vboot = VCC,
V
IN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to high /
low side driver turn-off
propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin
CIN
50
200
250
Table 12. Truth table
Condition
Logic input (VI)
Output
SD/OD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge tri-state
LX
XL
L
Interlocking
half-bridge tri-state
HH
H
L
L
0 ‘’logic state”
half-bridge tri-state
HL
L
L
L
1 “logic state”
low side direct driving
HH
L
H
L
1 “logic state”
high side direct driving
HL
HL
H


同様の部品番号 - STGIPS15C60-H

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
More results

同様の説明 - STGIPS15C60-H

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGIPS35K60L1 STMICROELECTRONICS-STGIPS35K60L1 Datasheet
623Kb / 21P
   Short-circuit rugged IGBTs
August 2012 Rev 3
STGIPS10K60T-H STMICROELECTRONICS-STGIPS10K60T-H Datasheet
688Kb / 19P
   Short-circuit rugged IGBTs
April 2015 Rev 5
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
   SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
December 2015 Rev 6
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
   SLLIMMTM nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
   SLLIMM??nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com