データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD25P03LT4G データシート(PDF) 3 Page - ON Semiconductor

部品番号 STD25P03LT4G
部品情報  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD25P03LT4G データシート(HTML) 3 Page - ON Semiconductor

  STD25P03LT4G Datasheet HTML 1Page - ON Semiconductor STD25P03LT4G Datasheet HTML 2Page - ON Semiconductor STD25P03LT4G Datasheet HTML 3Page - ON Semiconductor STD25P03LT4G Datasheet HTML 4Page - ON Semiconductor STD25P03LT4G Datasheet HTML 5Page - ON Semiconductor STD25P03LT4G Datasheet HTML 6Page - ON Semiconductor STD25P03LT4G Datasheet HTML 7Page - ON Semiconductor STD25P03LT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD25P03L, STD25P03L
http://onsemi.com
3
TYPICAL MOSFET ELECTRICAL CHARACTERISTICS
1.6
0.8
1.2
0.6
100
10
10,000
0
40
5
20
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.25
0.15
25
20
15
0.1
0.05
0
530
Figure 3. On−Resistance versus Drain Current
and Temperature
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
0
−25
50
25
4
2
15
015
20
10
30
5
10
30
VDS ≥ −5 V
TJ = 25°C
TJ = −40°C
TJ = 125°C
150
ID = −12.5
VGS = −5 V
50
0.3
VGS = 10 V
VGS = −5 V
3
40
20
0
10
30
50
0
0.075
0.05
20
15
0.025
0
10
50
0.01
1000
TJ = 25°C
TJ = 25°C
24
9 V
8 V
4.5 V
3 V
3
10
40
35
45
50
0.2
T = 125
°C
T = −40
°C
T = 25
°C
545
40
35
30
25
VGS = −5 V
VGS = −10 V
1
100
75
125
1.4
25
VGS = 0 V
TJ = 150°C
TJ = 125°C
2.5 V
3.5 V
4 V
5 V
6 V
7 V
6


同様の部品番号 - STD25P03LT4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STD25P03LT4G ONSEMI-STD25P03LT4G Datasheet
234Kb / 9P
   MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
More results

同様の説明 - STD25P03LT4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com