データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAR74 データシート(PDF) 1 Page - Zetex Semiconductors

部品番号 BAR74
部品情報  SOT23 HIGH SPEED SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAR74 データシート(HTML) 1 Page - Zetex Semiconductors

  BAR74 Datasheet HTML 1Page - Zetex Semiconductors BAR74 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 HIGH SPEED SWITCHING DIODES
ISSUE 3 – FEBRUARY 1997
PIN CONFIGURATION
PARTMARKING DETAILS
BAL74 – JC
BAR74 – JB
BAL74
BAR74
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
50
V
Average Output Rectified Current
(tav = 10ms)
Io
100
mA
Continuous Forward Current
IF
150
mA
Peak Forward Current ( t = 15ms)
IFM
200
mA
Forward Surge Current (t = 1µs)
IFS
1A
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°
C
Power Dissipation at Tamb =25°C
Ptot
330
mW
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Breakdown Voltage
VBR
51
V
IR = 5µA
Forward Voltage
VF
1.0
V
IF = 100mA
Reverse current
IR
0.1
100
µ
A
µ
A
VR = 50V
VR = 50V, Tamb = 125°C
Capacitance
Co
2.0
pF
VR = 0
Reverse Recovery Time trr
4
2
ns
ns
IF = IR = 10mA, IRR = 1mA
IF = 10mA, VR = 6V
RL = 100Ω
Spice parameter data is available upon request for this device
BAL74
BAR74
PAGE NO
1
3
2
SOT23

!

IF v VF
0
0.2
0.4
0.6
0.8
1.0
100
80
60
20
0
40
VF - (Volts)
Circuit For Measuring Switching Time
IF=10mA
IR=10mA
Irr
0mA
Trr2
Trr1
1k
0.2µF
+11V
VIN
VOUT
0.1µF
Pulse is supplied by a generator with the following
characteristics:
Output impedance = 50
Rise time <= 0.5ns
Pulse width = 100ns
Output is monitored on a sampling oscilloscope
with the following characteristics:
Input impedance = 50
Rise time <= 0.6ns
BAL74
BAR74


同様の部品番号 - BAR74

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
logo
Infineon Technologies A...
BAR74 INFINEON-BAR74 Datasheet
39Kb / 4P
   Silicon Switching Diode
Jul-27-2001
logo
Guangdong Kexin Industr...
BAR74 KEXIN-BAR74 Datasheet
37Kb / 1P
   Silicon Switching Diode
logo
Infineon Technologies A...
BAR74 INFINEON-BAR74 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
More results

同様の説明 - BAR74

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
BAL99 ZETEX-BAL99 Datasheet
34Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com