データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4832DY-T1 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI4832DY-T1
部品情報  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4832DY-T1 データシート(HTML) 4 Page - Vishay Siliconix

  SI4832DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4832DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4832DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4832DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4832DY-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si4832DY
Vishay Siliconix
www.vishay.com
4
Document Number: 71774
S-31062—Rev. F, 26-May-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (MOSFET)
Normalized Thermal Transient Impedance, Junction-to-Ambient (MOSFET)
Square Wave Pulse Duration (sec)
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Time (sec)
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
2
1
0.1
0.01
10-4
10-3
10-2
10-1
10
100
600
TJ = 150_C
TJ = 25_C
ID = 9.0 A
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
50
1
0.1
10
125
150
0.0001
1
30
Reverse Current (Schottky)
TJ - Junction Temperature (_C)
0
255075
100
10 V
0.001
0.01
0.1
10
20 V
30 V
600
100
10
1
0.1
0.01
1


同様の部品番号 - SI4832DY-T1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
logo
Vishay Siliconix
SI4830ADY VISHAY-SI4830ADY Datasheet
72Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-03
SI4830ADY VISHAY-SI4830ADY Datasheet
123Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4830ADY-T1-E3 VISHAY-SI4830ADY-T1-E3 Datasheet
262Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. G, 18-May-09
SI4830CDY VISHAY-SI4830CDY Datasheet
279Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
More results

同様の説明 - SI4832DY-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com