データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM341T-5.0 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM341T-5.0
部品情報  3-Terminal 500-mA Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-5.0 データシート(HTML) 11 Page - Texas Instruments

Back Button LM341T-5.0 Datasheet HTML 7Page - Texas Instruments LM341T-5.0 Datasheet HTML 8Page - Texas Instruments LM341T-5.0 Datasheet HTML 9Page - Texas Instruments LM341T-5.0 Datasheet HTML 10Page - Texas Instruments LM341T-5.0 Datasheet HTML 11Page - Texas Instruments LM341T-5.0 Datasheet HTML 12Page - Texas Instruments LM341T-5.0 Datasheet HTML 13Page - Texas Instruments LM341T-5.0 Datasheet HTML 14Page - Texas Instruments LM341T-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
LM341, LM78M05
www.ti.com
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM341 and LM78Mxx devices are fixed voltage regulators meaning no external feedback resistors are
required to set the output voltage. Input and output capacitors are also not required for the device to be stable.
However input capacitance helps filter noise from the supply and output capacitance improves the transient
response.
8.2 Typical Application
*Required if regulator input is more than 4 inches from input filter capacitor (or if no input filter capacitor is used).
**Optional for improved transient response.
Figure 11. Typical Application
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
PARAMETER
VALUE
CIN
0.33 µF
COUT
0.1 µF
8.2.2 Detailed Design Procedure
8.2.2.1 Input Voltage
Regardless of the output voltage option being used (5 V, 12 V, 15 V), the input voltage must be at least 2 V
greater to ensure proper regulation (7 V, 14 V, 17 V).


同様の部品番号 - LM341T-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM341T-5.0 NSC-LM341T-5.0 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-5.0 TI1-LM341T-5.0 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-5.0 TI-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM341T-5.0 TI1-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-5.0/NOPB TI-LM341T-5.0/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results

同様の説明 - LM341T-5.0

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM78M05-MIL TI1-LM78M05-MIL Datasheet
648Kb / 19P
[Old version datasheet]   Series 3-Terminal 500-mA Positive Voltage Regulator
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com