データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL6610KG データシート(PDF) 7 Page - Zarlink Semiconductor Inc

部品番号 SL6610KG
部品情報  Direct Conversion FSK Data Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6610KG データシート(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SL6610KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SL6610
6
OPERATION OF SL6610
The SL6610 is a Direct Converson Receiver designed for
use up to 470MHz. It is available in a 28 pin SSOP package
and it integrates all the facilities required for the conversion of
an RF FSK signal to a base-band data signal.
Low Noise Amplifier
To achieve optimum performance it is necessary to
incorporate a Low Noise RF Amplifier at the front end of the
receiver. This is easily biased using the on chip voltage and
current sources provided.
All voltages and current sources used for bias of the RF
amplifier, receiver and mixers should be RF decoupled using
suitable capacitors (see fig.4 for a suitable Low-Noise-
Amplifier).
Local Oscillator
The Local Oscillator signal is applied to the device in phase
quadrature. This can be achieved with the use of two RC
networks operating at the -3dB/45° transfer characteristic,
giving a full 90° phase differential between the LO ports of the
device. Each LO port of the device also requires an equal level
of drive from the Oscillator. (see Fig.5).
Pin Number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Pin Description
X channel pre-gyrator filter test-point. This can be used for input and output
Mixer bias de-couple pin
LO input channel Y
Gyrator current adjust pin
LO input channel X
VREF 1.0 V internal signal ground
Y channel pre-gyrator filter test point, input or output
Audio AGC gain and threshold adjust. RSSI signal indicator
Audio AGC time constant adjust
Battery economy control
Battery flag output
Y channel limiter (post gyrator filter) test point, output only
Supply connection
Data output pin
X channel limiter (post gyrator filter) test point, output only
Bit rate filter 2, input to data output stage
Bit rate filter 1, output from detector
Digital ground
Bandgap voltage output
Battery flag input voltage
Supply connection
1V regulator control external PNP drive
1V regulator output voltage
Mixer input B
Ground
Mixer input A
Current source for external LNA. Value of current output will decrease at high mixer
input signal levels due to RF AGC
Audio AGC output current
Pin Name
TPX
MIX-DEC
LOY
GYRI
LOX
VR
TPY
GTHADJ
TCADJ
BEC
BATTFL
TPLIMY
VCC2
DATAOP
TPLIMX
BRF2
BRF1
DIG GND
VBG
VBATT
VCC1
REGCNT
VREG
MIXB
GND
MIXA
IRFAMP
IAGCOUT
Gyrator Filters
The on chip filters include an adjustable gyrator filter. This
may be adjusted with the use of an additional resistor between
pin 4 and GND. This allows flexibility of filter characterstics
and also allows for compensation for possible process
variations.
Audio AGC
The Audio AGC fundamentally consists of a current sink
which is controlled by the audio (baseband data) signal. It has
three parameters that may be controlled by the user. These
are the Attack (turn on) time, Decay (duration) time and
Threshold level (see Fig.6 and 7). See Application note for
details.
Regulator
The on chip regulator must be used in conjunction with a
suitable PNP transistor to achieve regulation.
As the
transistor forms part of the regulator feedback loop the
transistor should exhibit the following characteristics:-
H
FE > = 100 for VCE > = 0.1V


同様の部品番号 - SL6610KG

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619KG MITEL-SL6619KG Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619KG ZARLINK-SL6619KG Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

同様の説明 - SL6610KG

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com