データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6564H データシート(PDF) 1 Page - STMicroelectronics

部品番号 L6564H
部品情報  High voltage startup transition-mode PFC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H データシート(HTML) 1 Page - STMicroelectronics

  L6564H Datasheet HTML 1Page - STMicroelectronics L6564H Datasheet HTML 2Page - STMicroelectronics L6564H Datasheet HTML 3Page - STMicroelectronics L6564H Datasheet HTML 4Page - STMicroelectronics L6564H Datasheet HTML 5Page - STMicroelectronics L6564H Datasheet HTML 6Page - STMicroelectronics L6564H Datasheet HTML 7Page - STMicroelectronics L6564H Datasheet HTML 8Page - STMicroelectronics L6564H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
June 2012
Doc ID 022960 Rev 2
1/35
35
L6564H
High voltage startup transition-mode PFC
Datasheet
production data
Features
Onboard 700 V startup source
Fast “bi-directional” input voltage feedforward
(1/V2 correction)
Accurate adjustable output overvoltage
protection
Protection against feedback loop
disconnection (latched shutdown)
Inductor saturation protection
AC brownout detection
Low (
≤100 µA) startup current
6 mA max. operating bias current
1% (@ TJ = 25 °C) internal reference voltage
-600/+800 mA totem pole gate driver with
active pull-down during UVLO
SO-14 package
Application
PFC pre-regulators for:
– High-end AC-DC adapter/charger
– IEC61000-3-2 or JEITA-MITI compliant
SMPS, in excess of 400 W
– SMPS for LED luminaires
Figure 1.
Block diagram
SO-14
AM11475v1
VFF
S
R
Q1
STARTER
LEB
Q1
VOLTAGE
REGULATOR
UVLO
-+
-
+
2.5 V
-
+
MULTIPLIER
Internal Supply Bus
Voltage
ref erences
+
-
0.23 V
-
+
Vcc
GD
CS
GND
MULT
INV
PFC_OK
ZCD
Disable
OVP
UVLO
Disable
Q
S
R
DISABLE
L_OVP
UVLO
Error Amplif ier
COMP
Ideal rectif ier
1/V2
2.5 V
2.4 V
OVP
+
-
L_OVP
12
Starter
OFF
11
8
-
+
0.7V
1.4V
Detector
Zero Current
ON/OFF Control
14
3
13
6
1
2
DETECTOR
MAINS DROP
4
5
+
-
1.7 V
Disable
Icharge
HVS
0.27 V
1.66 V
-
+
0.8 V
0.88 V
ON/OFF Control
www.st.com


同様の部品番号 - L6564H

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6564D STMICROELECTRONICS-L6564D Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6564DTR STMICROELECTRONICS-L6564DTR Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
More results

同様の説明 - L6564H

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6563H STMICROELECTRONICS-L6563H Datasheet
1Mb / 48P
   High voltage start-up transition-mode PFC
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
SIFIRST TECHNOLOGIES NA...
SF6562 SIFIRST-SF6562 Datasheet
65Kb / 2P
   High Performance Transition Mode PFC Controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com