データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGWA15H120F2 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STGWA15H120F2
部品情報  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA15H120F2 データシート(HTML) 4 Page - STMicroelectronics

  STGWA15H120F2 Datasheet HTML 1Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 2Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 3Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 4Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 5Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 6Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 7Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 8Page - STMicroelectronics STGWA15H120F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STGW15H120F2, STGWA15H120F2
4/17
DocID026013 Rev 5
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
1200
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 15 A
2.1
2.6
V
VGE = 15 V, IC = 15 A
TJ = 125 °C
2.4
VGE = 15 V, IC = 15 A
TJ = 175 °C
2.5
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 500 µA
5
6
7
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 1200 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
± 250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-1300
-
pF
Coes
Output capacitance
-
105
-
pF
Cres
Reverse transfer
capacitance
-32
-
pF
Qg
Total gate charge
VCC = 960 V, IC = 15 A,
VGE = 15 V, see Figure 23
-67
-
nC
Qge
Gate-emitter charge
-
8
-
nC
Qgc
Gate-collector charge
-
38
-
nC


同様の部品番号 - STGWA15H120F2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGWA15H120DF2 STMICROELECTRONICS-STGWA15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
More results

同様の説明 - STGWA15H120F2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
October 2013 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com