データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW19NC60W データシート(PDF) 5 Page - STMicroelectronics

部品番号 STGW19NC60W
部品情報  19 A, 600 V - ultrafast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW19NC60W データシート(HTML) 5 Page - STMicroelectronics

  STGW19NC60W Datasheet HTML 1Page - STMicroelectronics STGW19NC60W Datasheet HTML 2Page - STMicroelectronics STGW19NC60W Datasheet HTML 3Page - STMicroelectronics STGW19NC60W Datasheet HTML 4Page - STMicroelectronics STGW19NC60W Datasheet HTML 5Page - STMicroelectronics STGW19NC60W Datasheet HTML 6Page - STMicroelectronics STGW19NC60W Datasheet HTML 7Page - STMicroelectronics STGW19NC60W Datasheet HTML 8Page - STMicroelectronics STGW19NC60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STGW19NC60W
Electrical characteristics
DocID12759 Rev 4
5/13
Table 6: Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 390 V, IC = 12 A,
VGE = 15 V, RG = 10 Ω
(see Figure 17: "Switching
waveform"
)
-
25
-
ns
tr
Current rise time
-
7
-
ns
(di/dt)on
Turn-on current slope
-
1600
-
A/µs
td(on)
Turn-on delay time
VCC = 390 V, IC = 12 A,
VGE = 15 V, RG = 10 Ω,
TC = 125°C
(see Figure 17: "Switching
waveform"
)
-
25
-
ns
tr
Current rise time
-
8
-
ns
(di/dt)on
Turn-on current slope
-
1400
-
A/µs
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 12 A,
VGE = 15 V, RG = 10 Ω
(see Figure 17: "Switching
waveform"
)
-
22
-
ns
td(off)
Turn-off delay time
-
90
-
ns
tf
Current fall time
-
43
-
ns
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 12 A,
VGE = 15 V, RG = 10 Ω, TC =
125°C (see Figure 17:
"Switching waveform"
)
-
47
-
ns
td(off)
Turn-off delay time
-
127
-
ns
tf
Current fall time
-
77
-
ns
Table 7: Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon(1)
Turn-on switching energy
VCC = 390 V, IC = 12 A,
RG= 10 Ω, VGE= 15 V
(see Figure 17: "Switching
waveform"
)
-
81
-
µJ
Eoff(2)
Turn-off switching energy
-
125
-
µJ
Ets
Total switching energy
-
206
-
µJ
Eon(1)
Turn-on switching energy
-
161
-
µJ
Eoff(2)
Turn-off switching energy
-
255
-
µJ
Ets
Total switching energy
VCC = 390 V, IC = 12 A,
RG= 10 Ω, VGE= 15 V,
TC = 125°C
(see Figure 17: "Switching
waveform"
)
-
416
-
µJ
Notes:
(1)Including the reverse recovery of the external diode. The diode is the same of the co-packed
STGW19NC60WD.
(2)including the tail of the collector current.


同様の部品番号 - STGW19NC60W

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW19NC60WD STMICROELECTRONICS-STGW19NC60WD Datasheet
312Kb / 15P
   N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
More results

同様の説明 - STGW19NC60W

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com