データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW20IH125DF データシート(PDF) 5 Page - STMicroelectronics

部品番号 STGW20IH125DF
部品情報  1250 V, 20 A IH series trench gate field-stop IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20IH125DF データシート(HTML) 5 Page - STMicroelectronics

  STGW20IH125DF Datasheet HTML 1Page - STMicroelectronics STGW20IH125DF Datasheet HTML 2Page - STMicroelectronics STGW20IH125DF Datasheet HTML 3Page - STMicroelectronics STGW20IH125DF Datasheet HTML 4Page - STMicroelectronics STGW20IH125DF Datasheet HTML 5Page - STMicroelectronics STGW20IH125DF Datasheet HTML 6Page - STMicroelectronics STGW20IH125DF Datasheet HTML 7Page - STMicroelectronics STGW20IH125DF Datasheet HTML 8Page - STMicroelectronics STGW20IH125DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID025269 Rev 2
5/17
STGW20IH125DF, STGWT20IH125DF
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 15 A,
R
G
= 10
Ω, V
GE
= 15 V, see
Figure 23
106
ns
t
f
Current fall time
-
79
-
ns
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
410
-
μJ
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 15 A,
R
G
= 10
Ω, V
GE
= 15 V,
T
J
= 175 °C, see
Figure 23
109
ns
t
f
Current fall time
-
176
-
ns
E
off
(1)
Turn-off switching losses
-
820
-
μJ
Table 7. IGBT switching characteristics (capacitive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
V
CC
= 900V, R
G
= 10
Ω,
I
C
= 30 A, L = 500 μH,
C
snub
= 330 nF, see
Figure 24
-163
-
μJ
V
CC
= 900V, R
G
= 10
Ω,
I
C
= 30 A, L = 500 μH,
C
snub
= 330 nF, T
J
= 175 °C,
see
Figure 24
-366
-


同様の部品番号 - STGW20IH125DF

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
   N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
logo
STMicroelectronics
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
More results

同様の説明 - STGW20IH125DF

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW28IH125DF STMICROELECTRONICS-STGW28IH125DF Datasheet
1Mb / 17P
   1250 V, 30 A IH series trench gate field-stop IGBT
February 2014 Rev 2
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
   Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
DS11374 - Rev 3 - October 2018
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGF20M65DF2 STMICROELECTRONICS-STGF20M65DF2 Datasheet
531Kb / 16P
   Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
DS11363 - Rev 4 - October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com