データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW50HF60SD データシート(PDF) 11 Page - STMicroelectronics

部品番号 STGW50HF60SD
部品情報  60 A, 600 V, very low drop IGBT with soft and fast recovery diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50HF60SD データシート(HTML) 11 Page - STMicroelectronics

Back Button STGW50HF60SD Datasheet HTML 5Page - STMicroelectronics STGW50HF60SD Datasheet HTML 6Page - STMicroelectronics STGW50HF60SD Datasheet HTML 7Page - STMicroelectronics STGW50HF60SD Datasheet HTML 8Page - STMicroelectronics STGW50HF60SD Datasheet HTML 9Page - STMicroelectronics STGW50HF60SD Datasheet HTML 10Page - STMicroelectronics STGW50HF60SD Datasheet HTML 11Page - STMicroelectronics STGW50HF60SD Datasheet HTML 12Page - STMicroelectronics STGW50HF60SD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STGW50HF60SD
Package mechanical data
Doc ID 16818 Rev 2
11/13
Figure 19.
TO-247 drawing
0075325_F


同様の部品番号 - STGW50HF60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW50H60DF STMICROELECTRONICS-STGW50H60DF Datasheet
1Mb / 12P
   50 A, 600 V field stop trench gate IGBT with Ultrafast diode
July 2012 Rev 5
More results

同様の説明 - STGW50HF60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com