データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW80H65DFB-4 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STGW80H65DFB-4
部品情報  Tight parameter distribution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB-4 データシート(HTML) 5 Page - STMicroelectronics

  STGW80H65DFB-4 Datasheet HTML 1Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 2Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 3Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 4Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 5Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 6Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STGW80H65DFB-4
Electrical characteristics
DocID028076 Rev 3
5/16
Table 6: IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VCE = 400 V, IC = 80 A, VGE = 15 V,
RG = 10
Ω (see Figure 28: " Test circuit for
inductive load switching" )
-
75
-
ns
tr
Current rise
time
-
35
-
ns
(di/dt)on
Turn-on
current slope
-
1750
-
A/µs
td(off)
Turn-off-delay
time
-
336
-
ns
tf
Current fall
time
-
23
-
ns
Eon(1)
Turn-on
switching
energy
-
1
-
mJ
Eoff(2)
Turn-off
switching
energy
-
1.7
-
mJ
Ets
Total switching
energy
-
2.7
-
mJ
td(on)
Turn-on delay
time
VCE = 400 V, IC = 80 A, VGE = 15 V,
RG = 10
Ω TJ = 175 °C (see Figure 28: "
Test circuit for inductive load switching" )
-
66
-
ns
tr
Current rise
time
-
38
-
ns
(di/dt)on
Turn-on
current slope
-
1670
-
A/µs
td(off)
Turn-off-delay
time
-
403
-
ns
tf
Current fall
time
-
45
-
ns
Eon
Turn-on
switching
energy
-
1.5
-
mJ
Eoff
Turn-off
switching
energy
-
2.47
-
mJ
Ets
Total switching
energy
-
3.97
-
mJ
Notes:
(1)Including the reverse recovery of the diode.
(2)Including the tail of the collector current.


同様の部品番号 - STGW80H65DFB-4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
More results

同様の説明 - STGW80H65DFB-4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
logo
International Rectifier
IRG4RC10UTRPBF IRF-IRG4RC10UTRPBF Datasheet
654Kb / 10P
   Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com