データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVC20T245DGVRE4 データシート(PDF) 4 Page - Texas Instruments

部品番号 74AVC20T245DGVRE4
部品情報  20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74AVC20T245DGVRE4 データシート(HTML) 4 Page - Texas Instruments

  74AVC20T245DGVRE4 Datasheet HTML 1Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 2Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74AVC20T245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 8)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
High-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.65
VIH
High-level input
voltage
Data inputs
(see Note 7)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(see Note 7)
2.7 V to 3.6 V
2
V
Low-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
voltage
Data inputs
(see Note 7)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(see Note 7)
2.7 V to 3.6 V
0.8
V
High-level input
DIR
1.2 V to 1.95 V
VCCA × 0.65
VIH
High-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(referenced to VCCA)
(see Note 8)
2.7 V to 3.6 V
2
V
Low-level input
DIR
1.2 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(referenced to VCCA)
(see Note 8)
2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCCO
V
VO
Output voltage
3-state
0
3.6
V
1.2 V
−3
1.4 V to 1.6 V
−6
IOH
High-level output current
1.65 V to 1.95 V
−8
mA
IOH
High-level output current
2.3 V to 2.7 V
−9
mA
3 V to 3.6 V
−12
1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
IOL
Low-level output current
2.3 V to 2.7 V
9
mA
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7. For VCCI values not specified in the data sheet, VIH(min) = VCCI x 0.7 V, VIL(max) = VCCI x 0.3 V.
8. For VCCI values not specified in the data sheet, VIH(min) = VCCA x 0.7 V, VIL(max) = VCCA x 0.3 V.


同様の部品番号 - 74AVC20T245DGVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AVC20T245DGVRE4 TI-74AVC20T245DGVRE4 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC20T245DGVRE4 TI-74AVC20T245DGVRE4 Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - 74AVC20T245DGVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245_10 Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com