データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CB3Q3245PWR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CB3Q3245PWR
部品情報  8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3245PWR データシート(HTML) 10 Page - Texas Instruments

Back Button SN74CB3Q3245PWR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 11Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 12Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 13Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


同様の部品番号 - SN74CB3Q3245PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRE4 TI-SN74CB3Q3245PWRE4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRG4 TI-SN74CB3Q3245PWRG4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

同様の説明 - SN74CB3Q3245PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com