データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB018B0123 データシート(PDF) 8 Page - AVX Corporation

部品番号 CB018B0123
部品情報  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

CB018B0123 データシート(HTML) 8 Page - AVX Corporation

  CB018B0123 Datasheet HTML 1Page - AVX Corporation CB018B0123 Datasheet HTML 2Page - AVX Corporation CB018B0123 Datasheet HTML 3Page - AVX Corporation CB018B0123 Datasheet HTML 4Page - AVX Corporation CB018B0123 Datasheet HTML 5Page - AVX Corporation CB018B0123 Datasheet HTML 6Page - AVX Corporation CB018B0123 Datasheet HTML 7Page - AVX Corporation CB018B0123 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
46
Film Chip Capacitors
PPS DIELECTRIC – CB Series – RoHS
MATERIALS CONTROLLED BY ROHS (PPM BY WEIGHT):
Mass / unit (g)
Lead
Mercury
Cadmium
Hexavalent
PBB
PBDE
Chromium
CB range
00
0
0
0
0
RoHS Limit (ppm)
1000
1000
100
1000
1000
1000
Pass/Fail
Pass
Pass
Pass
Pass
Pass
Pass
This product has been tested and found to be compliant with all requirements, provisions, and exemptions of EU Directive 2002/95/EC of the European Parliament and
Council of January 27, 2003. On the Restriction of use of certain Hazardous Substances (RoHS) in electrical and electronic equipment and EU Directive 2000/53/EC
regarding ELV or End of Life Vehicle.
ROHS / ELV STATUS
External Plating
100% Matte Sn as standard
LEAD-FREE STATUS / MOISTURE
SENSITIVITY RANKING
Pb Free Reflow Solder compliant, MSL = 2a.
Reflow soldering referring to Jedec Standard with some
limitations. Additional JESD-97 data to be phased in MSL
e3 termination.
PRODUCT LABELING:
(For informational purposes only to be phased in on reel and
container.)
PRODUCT TRACEABILITY:
Full internal material traceability by reference to unique lot
number marked on reel and external package.
RoHS Compliant:
Pb Free:


同様の部品番号 - CB018B0123

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CB012T2R2M ETC1-CB012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

同様の説明 - CB018B0123

メーカー部品番号データシート部品情報
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com