データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7195BCPZ データシート(PDF) 11 Page - Analog Devices

部品番号 AD7195BCPZ
部品情報  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7195BCPZ データシート(HTML) 11 Page - Analog Devices

Back Button AD7195BCPZ Datasheet HTML 7Page - Analog Devices AD7195BCPZ Datasheet HTML 8Page - Analog Devices AD7195BCPZ Datasheet HTML 9Page - Analog Devices AD7195BCPZ Datasheet HTML 10Page - Analog Devices AD7195BCPZ Datasheet HTML 11Page - Analog Devices AD7195BCPZ Datasheet HTML 12Page - Analog Devices AD7195BCPZ Datasheet HTML 13Page - Analog Devices AD7195BCPZ Datasheet HTML 14Page - Analog Devices AD7195BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
AD7195
Rev. 0 | Page 10 of 44
Pin No.
Mnemonic
Description
20
BPDSW
Bridge Power-Down Switch to AGND.
21
AGND
Analog Ground Reference Point.
22
DGND
Digital Ground Reference Point.
23
AVDD
Analog Supply Voltage, 4.75 V to 5.25 V. AVDD is independent of DVDD.
24
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD.
25
SYNC
Logic input that allows for synchronization of the digital filters and analog modulators when using a number
of AD7195 devices. While SYNC is low, the nodes of the digital filter, the filter control logic, and the
calibration control logic are reset, and the analog modulator is also held in its reset state. SYNC does not
affect the digital interface but does reset RDY to a high state if it is low. SYNC has a pull-up resistor internally
to DVDD.
26
NC
No Connect. This pin should be tied to AGND.
27
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data output
pin to access the output shift register of the ADC. The output shift register can contain data from any of the
on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate
the completion of a conversion. If the data is not read after the conversion, the pin goes high before the next
update occurs. The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid
data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the
data-/control-word information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the
SCLK rising edge.
28
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control
registers in the ADC, with the register selection bits of the communications register identifying the appro-
priate register.
29
MCLK1
When the master clock for the device is provided externally by a crystal, the crystal is connected between
MCLK1 and MCLK2.
30
MCLK2
Master Clock Signal for the Device. The AD7195 has an internal 4.92 MHz clock. This internal clock can be
made available on the MCLK2 pin. The clock for the AD7195 can be provided externally also in the form of a
crystal or external clock. A crystal can be tied across the MCLK1 and MCLK2 pins. Alternatively, the MCLK2 pin
can be driven with a CMOS-compatible clock and the MCLK1 pin left unconnected.
31
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be
continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous
clock with the information transmitted to or from the ADC in smaller batches of data.
32
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in
systems with more than one device on the serial bus or as a frame synchronization signal in communicating
with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and
DOUT used to interface with the device.


同様の部品番号 - AD7195BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7195BCPZ AD-AD7195BCPZ Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ AD-AD7195BCPZ Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL7 AD-AD7195BCPZ-RL7 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
More results

同様の説明 - AD7195BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com