データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP102AIDRLRG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP102AIDRLRG4
部品情報  Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLRG4 データシート(HTML) 4 Page - Texas Instruments

  TMP102AIDRLRG4 Datasheet HTML 1Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 2Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TMP102
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.4
3.3
3.6
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
TMP102
THERMAL METRIC(1)
DRL (SOT563)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
200
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
°C/W
RθJB
Junction-to-board thermal resistance
34.4
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
34.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
At TA = 25°C and VS = 1.4 to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
–25°C to 85°C
±0.5
±2
Accuracy (temperature error)
°C
–40°C to 125°C
±1
±3
vs supply
0.2
0.5
°C/V
Resolution
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
Input logic high
0.7 × (V+)
3.6
V
VIL
Input logic low
–0.5
0.3 × (V+)
V
IIN
Input current
0 < VIN < 3.6 V
1
μA
V+ > 2 V, IOL = 3 mA
0
0.4
SDA
V+ < 2 V, IOL = 3 mA
0
0.2 × (V+)
VOL
Output logic
V
V+ > 2 V, IOL = 3 mA
0
0.4
ALERT
V+ < 2 V, IOL = 3 mA
0
0.2 × (V+)
Resolution
12
Bit
Conversion time
26
35
ms
CR1 = 0, CR0 = 0
0.25
CR1 = 0, CR0 = 1
1
Conversion modes
Conv/s
CR1 = 1, CR0 = 0 (default)
4
CR1 = 1, CR0 = 1
8
Timeout time
30
40
ms
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TMP102


同様の部品番号 - TMP102AIDRLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI1-TMP102AIDRLRG4 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results

同様の説明 - TMP102AIDRLRG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com