データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP125AIDBVT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP125AIDBVT
部品情報  Accurate Digital Temperature Sensor with SPI田?Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP125AIDBVT データシート(HTML) 4 Page - Texas Instruments

  TMP125AIDBVT Datasheet HTML 1Page - Texas Instruments TMP125AIDBVT Datasheet HTML 2Page - Texas Instruments TMP125AIDBVT Datasheet HTML 3Page - Texas Instruments TMP125AIDBVT Datasheet HTML 4Page - Texas Instruments TMP125AIDBVT Datasheet HTML 5Page - Texas Instruments TMP125AIDBVT Datasheet HTML 6Page - Texas Instruments TMP125AIDBVT Datasheet HTML 7Page - Texas Instruments TMP125AIDBVT Datasheet HTML 8Page - Texas Instruments TMP125AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +2.7V to 5.5V, unless otherwise noted.
45
40
35
30
25
20
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
254565
85
105
125
V
S =5.5V
Active Conversion
Serial Bus Inactive
80
75
70
65
60
55
50
45
40
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
V
S =5.5V
5 Typical Units Shown
−55 −35 −15
5
25
45
65
85
105
125
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
456585
105
125


同様の部品番号 - TMP125AIDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP125AIDBVT TI-TMP125AIDBVT Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125AIDBVT TI1-TMP125AIDBVT Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP125AIDBVTG4 TI1-TMP125AIDBVTG4 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results

同様の説明 - TMP125AIDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com