データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP222G データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLP222G
部品情報  Cordless Telephones PBX Modems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222G データシート(HTML) 2 Page - Toshiba Semiconductor

  TLP222G Datasheet HTML 1Page - Toshiba Semiconductor TLP222G Datasheet HTML 2Page - Toshiba Semiconductor TLP222G Datasheet HTML 3Page - Toshiba Semiconductor TLP222G Datasheet HTML 4Page - Toshiba Semiconductor TLP222G Datasheet HTML 5Page - Toshiba Semiconductor TLP222G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP222G,TLP222G-2
2002-04-19
2
Maximum Rating (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta >= 25°C)
DIF/°C
-0.5
mA/°C
Peak forward current
(100
ms pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
350
V
TLP222G
One channel
operation
On-state
current
TLP222G-2 Two channel
operations
(Note 1)
ION
120
mA
TLP222G
One channel
operation
On-state
current
derating
(Ta >= 25°C)
TLP222G-2 Two channel
operations
(Note 1)
DION/°C
-1.2
mA/°C
Detector
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55 to 125
°C
Operating temperature range
Topr
-40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min, R.H. <= 60%)
(Note 2)
BVS
2500
Vrms
Note 1: Two channels operating simultaneously.
Note 2: Device considered a two-terminal device: LED side pins shorted together and detector side pins shorted
together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
¾
¾
280
V
Forward current
IF
5
7.5
25
mA
On-state current
ION
¾
¾
100
mA
Operating temperature
Topr
-20
¾
65
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
LED
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-state current
IOFF
VOFF = 350 V
¾
¾
1
mA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
¾
30
¾
pF


同様の部品番号 - TLP222G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
189Kb / 6P
   Cordless Telephones
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
189Kb / 6P
   Cordless Telephones
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
More results

同様の説明 - TLP222G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
   Telecommunications PBX Modems
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
   Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
   Telecommunications PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com