データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM365ZCES データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM365ZCES
部品情報  Digital Media System-on-Chip (DMSoC)
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM365ZCES データシート(HTML) 1 Page - Texas Instruments

  DM365ZCES Datasheet HTML 1Page - Texas Instruments DM365ZCES Datasheet HTML 2Page - Texas Instruments DM365ZCES Datasheet HTML 3Page - Texas Instruments DM365ZCES Datasheet HTML 4Page - Texas Instruments DM365ZCES Datasheet HTML 5Page - Texas Instruments DM365ZCES Datasheet HTML 6Page - Texas Instruments DM365ZCES Datasheet HTML 7Page - Texas Instruments DM365ZCES Datasheet HTML 8Page - Texas Instruments DM365ZCES Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
TMS320DM365
www.ti.com
SPRS457E
– MARCH 2009 – REVISED JUNE 2011
TMS320DM365
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM365
1
TMS320DM365 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
– Support for 32-Bit and 16-Bit
• Highlights
(Thumb
® Mode) Instruction Sets
– High-Performance Digital Media
– DSP Instruction Extensions and Single Cycle
System-on-Chip (DMSoC)
MAC
– Up to 300-MHz ARM926EJ-S Clock Rate
– ARM® Jazelle® Technology
– Two Video Image Co-processors
– Embedded ICE-RT Logic for Real-Time
(HDVICP, MJCP) Engines
Debug
– Supports a Range of Encode, Decode, and
• ARM9 Memory Architecture
Video Quality Operations
– 16K-Byte Instruction Cache
– Video Processing Subsystem
– 8K-Byte Data Cache
HW Face Detect Engine
– 32K-Byte RAM
Resize Engine from 1/16x to 8x
– 16K-Byte ROM
16-Bit Parallel AFE (Analog Front-End)
Interface Up to 120 MHz
– Little Endian
4:2:2 (8-/16-bit) Interface
• Two Video Image Co-processors
(HDVICP, MJCP) Engines
8-/16-bit YCC and Up to 24-Bit RGB888
Digital Output
– Support a Range of Encode and Decode
Operations, up to D1 on 216-MHz device and
3 DACs for HD Analog Video Output
up to 720p on the 270- and 300-MHz parts
Hardware On-Screen Display (OSD)
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
– Capable of 720p 30fps H.264 video
WMV9/VC1
processing
• Video Processing Subsystem
Note: 216-MHz is only capable of D1
processing
– Front End Provides:
– Peripherals include EMAC, USB 2.0 OTG,
HW Face Detect Engine
DDR2/NAND, 5 SPIs, 2 UARTs, 2
Hardware IPIPE for Real-Time Image
MMC/SD/SDIO, Key Scan
Processing
– 8 Different Boot Modes and Configurable
– Resize Engine
Power-Saving Modes
– Resize Images From 1/16x to 8x
– Pin-to-pin and software compatible with
– Separate Horizontal/Vertical
DM368
Control
– Extended temperature (-40ºC – 85ºC)
– Two Simultaneous Output Paths
available for 300-MHz device
IPIPE Interface (IPIPEIF)
– 3.3-V and 1.8-V I/O, 1.2-V/1.35-V Core
Image Sensor Interface (ISIF) and CMOS
– 338-Pin Ball Grid Array at 65nm Process
Imager Interface
Technology
16-Bit Parallel AFE (Analog Front End)
• High-Performance Digital Media
Interface Up to 120 MHz
System-on-Chip (DMSoC)
Glueless Interface to Common Video
– 216-, 270-, 300-MHz ARM926EJ-S Clock Rate
Decoders
– Fully Software-Compatible With ARM9™
BT.601/BT.656/BT.1120 Digital YCbCr
– Extended temperature available for 300-MHz
4:2:2 (8-/16-Bit) Interface
device
Histogram Module
• ARM926EJ-S™ Core
Lens distortion correction module (LDC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - DM365ZCES

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM368ZCEDZ TI1-DM368ZCEDZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEDZ TI1-DM368ZCEDZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEZ TI1-DM368ZCEZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEZ TI1-DM368ZCEZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

同様の説明 - DM365ZCES

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com