データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2028D1 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA2028D1
部品情報  3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2028D1 データシート(HTML) 5 Page - Texas Instruments

  TPA2028D1_17 Datasheet HTML 1Page - Texas Instruments TPA2028D1_17 Datasheet HTML 2Page - Texas Instruments TPA2028D1_17 Datasheet HTML 3Page - Texas Instruments TPA2028D1_17 Datasheet HTML 4Page - Texas Instruments TPA2028D1_17 Datasheet HTML 5Page - Texas Instruments TPA2028D1_17 Datasheet HTML 6Page - Texas Instruments TPA2028D1_17 Datasheet HTML 7Page - Texas Instruments TPA2028D1_17 Datasheet HTML 8Page - Texas Instruments TPA2028D1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPA2028D1
www.ti.com
SLOS660C – JANUARY 2010 – REVISED OCTOBER 2015
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD Supply voltage
PVDD
2.5
5.5
V
VIH
High-level input voltage
EN, SDA, SCL
1.3
V
VIL
Low-level input voltage
EN, SDA, SCL
0.6
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPA2028D1
THERMAL METRIC(1)
YZF (DSBGA)
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
70
°C/W
ψJT
Junction-to-top characterization parameter
3.3
°C/W
ψJB
Junction-to-board characterization parameter
69.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 μH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2.5
3.6
5.5
V
EN = 0.35 V, VDD = 2.5 V
0.1
1
ISDZ
Shutdown quiescent current
EN = 0.35 V, VDD = 3.6 V
0.2
1
µA
EN = 0.35 V, VDD = 5.5 V
0.3
1
EN = 1.3 V, VDD = 2.5 V
35
50
Software shutdown quiescent
ISWS
EN = 1.3 V, VDD = 3.6 V
50
70
µA
current
EN = 1.3 V, VDD = 5.5 V
75
100
VDD = 2.5 V
1.5
2.5
IDD
Supply current
VDD = 3.6 V
1.7
2.7
mA
VDD = 5.5 V
2
3.5
fSW
Class D Switching Frequency
275
300
325
kHz
IIH
High-level input current
VDD = 5.5 V, EN = 5.8 V
1
µA
IIL
Low-level input current
VDD = 5.5 V, EN = –0.3 V
–1
µA
tSTART
Start-up time
2.5 V
≤ VDD ≤ 5.5 V no pop, CIN ≤ 1 μF
5
ms
POR
Power on reset ON threshold
2
2.3
V
POR
Power on reset hysteresis
0.2
V
RL = 8 Ω, Vicm = 0.5 V and Vicm = VDD – 0.8 V,
CMRR
Input common mode rejection
–75
dB
differential inputs shorted
VDD = 3.6 V, AV = 6 dB, RL = 8 Ω, inputs ac
Voo
Output offset voltage
1.5
10
mV
grounded
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA2028D1


同様の部品番号 - TPA2028D1_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results

同様の説明 - TPA2028D1_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com