データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3007D1PWRG4 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPA3007D1PWRG4
部品情報  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3007D1PWRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA3007D1PWRG4 Datasheet HTML 3Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 4Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 5Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 6Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 7Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 8Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 9Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 10Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
6
7
8
9
10
11
8
10
12
14
16
18
VCC - Supply Voltage - V
VCC - Supply Voltage - V
0
1
2
3
4
5
8
10
12
14
16
18
SHUTDOWN = 0.8 V
f = 1 kHz
0.01
0.1
1
10
0.1
1
10
PO − Output Power − W
VCC = 12 V
RL = 8 Ω
Gain = +36 dB
f = 20 Hz
f = 20 kHz
f = 1 kHz
0.1
1
10
0.1
1
10
PO − Output Power − W
VCC = 12 V
RL = 8 Ω
Gain = +12 dB
f = 20 Hz
f = 20 kHz
f = 1 kHz
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
SUPPLY CURRENT
SHUTDOWN CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA3007D1


同様の部品番号 - TPA3007D1PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3007D1PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com