データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3100D2-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3100D2-Q1
部品情報  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2-Q1 データシート(HTML) 3 Page - Texas Instruments

  TPA3100D2-Q1 Datasheet HTML 1Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 2Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 3Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 4Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 5Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 6Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3100D2-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
TPA3100D2
www.ti.com
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SHUTDOWN, VI = VCC, VCC = 24 V
125
MUTE, VI = VCC, VCC = 24 V
75
IIH
High-level input current
µA
GAIN0, GAIN1, MSTR/SLV, SYNC, VI = VREG,
2
VCC = 24 V
SHUTDOWN, VI = 0, VCC = 24 V
2
IIL
Low-level input current
µA
SYNC, MUTE, GAIN0, GAIN1, MSTR/SLV, VI = 0
1
V, VCC = 24 V
VOH
High-level output voltage
FAULT, IOH = 1 mA
VREG - 0.6
V
VOL
Low-level output voltage
FAULT, IOL = -1 mA
AGND + 0.4
V
fOSC
Oscillator frequency
Rosc Resistor = 100 kΩ, MSTR/SLV = 2 V
200
300
kHz
TA
Operating free-air temperature
–40
85
°C
DC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
5
50
mV
differentially)
Bypass reference for input amplifier
VBYP, no load
1.1
1.25
1.45
V
4-V internal supply voltage
VREG, no load, VCC = 10 V to 26 V
3.75
4
4.25
V
VCC = 12 V to 24 V, inputs ac coupled to AGND,
PSRR
DC Power supply rejection ratio
-70
dB
Gain = 36 dB
ICC
Quiescent supply current
SHUTDOWN = 2 V, MUTE = 0 V, no load, filter,
22
26.5
mA
or snubber
ICC(SD)
Quiescent supply current in shutdown mode
SHUTDOWN = 0.8 V, no load, filter, or snubber
180
250
µA
ICC(MUTE) Quiescent supply current in mute mode
MUTE = 2 V, no load, filter, or snubber
8
10
mA
High Side
200
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
Low side
200
m
TJ = 25°C
Total
400
500
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
Gain matching
Between channels
2%
tON
Turn-on time
C(VBYP) = 1 µF, SHUTDOWN = 2 V
25
ms
tOFF
Turn-off time
C(VBYP) = 1 µF, SHUTDOWN = 0.8 V
0.1
ms
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
5
50
mV
differentially)
Bypass reference for input amplifier
VBYP, no load
1.1
1.25
1.45
V
4-V internal supply voltage
VREG, no load
3.75
4
4.25
V
VCC = 12 V to 24 V, Inputs ac coupled to AGND,
PSRR
DC Power supply rejection ratio
-70
dB
Gain = 36 dB
ICC
Quiescent supply current
SHUTDOWN = 2 V, MUTE = 0 V, no load, filter,
18
22.5
mA
or snubber
ICC(SD)
Quiescent supply current in shutdown mode
SHUTDOWN = 0.8 V, no load, filter, or snubber
80
200
µA
ICC(MUTE) Quiescent supply current in mute mode
MUTE = 2 V, no load, filter, or snubber
7
9
mA
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA3100D2


同様の部品番号 - TPA3100D2-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3100D2-Q1

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com