データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3111D1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3111D1
部品情報  10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3111D1 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3111D1 Datasheet HTML 2Page - Texas Instruments TPA3111D1 Datasheet HTML 3Page - Texas Instruments TPA3111D1 Datasheet HTML 4Page - Texas Instruments TPA3111D1 Datasheet HTML 5Page - Texas Instruments TPA3111D1 Datasheet HTML 6Page - Texas Instruments TPA3111D1 Datasheet HTML 7Page - Texas Instruments TPA3111D1 Datasheet HTML 8Page - Texas Instruments TPA3111D1 Datasheet HTML 9Page - Texas Instruments TPA3111D1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TPA3111D1
SLOS618F – AUGUST 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPA3111D1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
DC Characteristics – VCC = 12 V (continued)
TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Gain
VGAIN1 = 0.8 V
VGAIN0 = 0.8 V
19
20
21
dB
VGAIN0 = 2 V
25
26
27
VGAIN1 = 2 V
VGAIN0 = 0.8 V
31
32
33
VGAIN0 = 2 V
35
36
37
tON
Turnon time
VSD = 2 V
10
ms
tOFF
Turnoff time
VSD = 0.8 V
2
µs
VGVDD
Gate drive supply
IGVDD = 2 mA
6.5
6.9
7.3
V
PLIMIT
Output voltage maximum under PLIMIT
control
VPLIMIT = 2 V, VI = 6 V differential
6.75
7.9
8.75
V
6.7 AC Characteristics – VCC = 24 V
TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Power supply ripple rejection
200-mVPP ripple from 20 Hz to 1 kHz,
Gain = 20 dB, Inputs AC-coupled to AGND
–70
dB
PO
Continuous output power
f = 1 kHz, VCC = 24 V, THD+N ≤ 0.1%
10
W
THD+N
Total harmonic distortion + noise
f = 1 kHz, VCC = 24 V, PO = 5 W (half-power)
<0.05%
VN
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
65
µV
–80
dBV
Crosstalk
f = 1 kHz, VO = 1 Vrms, Gain = 20 dB
–70
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f = 1 kHz,
Gain = 20 dB, A-weighted
102
dB
fOSC
Oscillator frequency
250
310
350
kHz
Thermal trip point
150
°C
Thermal hysteresis
15
°C
6.8 AC Characteristics – VCC = 12 V
TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Power supply ripple rejection
200-mVPP ripple from 20 Hz to 1 kHz,
Gain = 20 dB, Inputs AC-coupled to AGND
–70
dB
PO
Continuous output power
f = 1 kHz, RL = 8 Ω, THD+N ≤ 10%
10
W
f = 1 kHz, RL = 4 Ω, THD+N ≤ 0.1%
10
THD+N
Total harmonic distortion + noise
f = 1 kHz, RL = 8 Ω, PO = 5 W (half-power)
<0.06%
VN
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
65
µV
–80
dBV
Crosstalk
f = 1 kHz, PO = 1 W, Gain = 20 dB
–70
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f = 1 kHz,
Gain = 20 dB, A-weighted
102
dB
fOSC
Oscillator frequency
250
310
350
kHz
Thermal trip point
150
°C
Thermal hysteresis
15
°C


同様の部品番号 - TPA3111D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
More results

同様の説明 - TPA3111D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com