データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6111A2 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA6111A2
部品情報  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA6111A2_17 Datasheet HTML 5Page - Texas Instruments TPA6111A2_17 Datasheet HTML 6Page - Texas Instruments TPA6111A2_17 Datasheet HTML 7Page - Texas Instruments TPA6111A2_17 Datasheet HTML 8Page - Texas Instruments TPA6111A2_17 Datasheet HTML 9Page - Texas Instruments TPA6111A2_17 Datasheet HTML 10Page - Texas Instruments TPA6111A2_17 Datasheet HTML 11Page - Texas Instruments TPA6111A2_17 Datasheet HTML 12Page - Texas Instruments TPA6111A2_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
IN1− to VO2
IN2− to VO1
VDD = 3.3 V,
PO = 60 mW,
CB = 1 µF,
RL = 8 Ω,
AV = −1 V/V
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
PO = 60 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
IN1− to VO2
IN2− to VO1
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
IN1− to VO2
IN2− to VO1
VDD = 3.3 V,
PO = 25 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
IN1− to VO2
IN2− to VO1
VDD = 3.3 V,
PO = 40 mW,
CB = 1 µF,
RL = 16 Ω,
AV = −1 V/V
100
10
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
BW = 10 Hz to 22 kHz
RL = 16 Ω
AV = −1 V/V
AV = −10 V/V
100
10
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
BW = 10 Hz to 22 kHz
RL = 16 Ω,
AV = −1 V/V
AV = −10 V/V
9
TPA6111A2
www.ti.com
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 17. Output Noise Voltage vs Frequency
Figure 18. Output Noise Voltage vs Frequency
Figure 19. Crosstalk vs Frequency
Figure 20. Crosstalk vs Frequency
Figure 21. Crosstalk vs Frequency
Figure 22. Crosstalk vs Frequency


同様の部品番号 - TPA6111A2_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6111A2_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com