データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6111A2DRG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6111A2DRG4
部品情報  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2DRG4 データシート(HTML) 4 Page - Texas Instruments

  TPA6111A2DRG4 Datasheet HTML 1Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 2Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 3Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 4Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 5Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 6Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 7Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 8Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
TA
Operating free-air temperature
–40
85
°C
VIH
High-level input voltage (SHUTDOWN)
60% × VDD
V
VIL
Low-level input voltage (SHUTDOWN)
25% × VDD
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA6111A2
UNIT
D (SOIC)
DGN (MSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
114.7
55.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.0
47.3
°C/W
RθJB
Junction-to-board thermal resistance
54.9
36.4
°C/W
ψJT
Junction-to-top characterization parameter
14.2
2.3
°C/W
ψJB
Junction-to-board characterization parameter
54.4
36.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.2
°C/W
7.5 DC Electrical Characteristics, VDD = 3.3 V
at VDD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
10
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
70
dB
IDD
Supply current
SHUTDOWN (pin 5) = 0 V
1.5
3
mA
IDD(SD)
Supply current in shutdown mode
SHUTDOWN (pin 5) = VDD
1
10
µA
Zi
Input impedance
> 1
M
7.6 AC Operating Characteristics, VDD = 3.3 V
VDD = 3.3 V, TA = 25°C, RL = 16 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
60
mW
THD+N
Total harmonic distortion + noise
PO = 40 mW, 20 Hz – 20 kHz
0.4%
BOM
Maximum output power BW
G = 20 dB, THD < 5%
> 20
kHz
Phase margin
Open-loop
96°
Supply ripple rejection
f = 1 kHz, C(BYP) = 0.47 µF
71
dB
Channel/channel output separation
f = 1 kHz, PO = 40 mW
89
dB
SNR
Signal-to-noise ratio
PO = 50 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11
µV(rms)


同様の部品番号 - TPA6111A2DRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6111A2DRG4 TI-TPA6111A2DRG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6111A2DRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com