データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU3N45K3 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STU3N45K3
部品情報  Gate charge minimized
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N45K3 データシート(HTML) 6 Page - STMicroelectronics

Back Button STU3N45K3 Datasheet HTML 2Page - STMicroelectronics STU3N45K3 Datasheet HTML 3Page - STMicroelectronics STU3N45K3 Datasheet HTML 4Page - STMicroelectronics STU3N45K3 Datasheet HTML 5Page - STMicroelectronics STU3N45K3 Datasheet HTML 6Page - STMicroelectronics STU3N45K3 Datasheet HTML 7Page - STMicroelectronics STU3N45K3 Datasheet HTML 8Page - STMicroelectronics STU3N45K3 Datasheet HTML 9Page - STMicroelectronics STU3N45K3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STU3N45K3
6/14
DocID17206 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on resistance
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
10
AM09206v1
ID
1.5
1.0
0.5
0
0
10
VDS(V)
20
(A)
5
15
25
2.0
5V
6V
7V
VGS=10V
3.0
2.5
3.5
AM09207v1
ID
1.5
1.0
0.5
0
0
4
VGS(V)
8
(A)
2
6
2.0
2.5
1
3
5
7
9
VDS=15V
AM09208v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=360V
ID=1.8A
10
12
300
250
200
0
350
VDS
150
100
50
AM09209v1
RDS(on)
3.2
3.0
2.8
2.6
0.2
0.6
ID(A)
(
Ω)
0.4
0.8
3.4
3.6
3.8
4.0
VGS=10V
4.2
1.2
1.0
1.4 1.6 1.8
AM09210v1


同様の部品番号 - STU3N45K3

メーカー部品番号データシート部品情報
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results

同様の説明 - STU3N45K3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
   Gate charge minimized
August 2013 Rev 1
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
   Gate charge minimized
October 2011 Rev 2
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com