データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68EN360DES02MYAL データシート(PDF) 11 Page - ATMEL Corporation

部品番号 TS68EN360DES02MYAL
部品情報  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360DES02MYAL データシート(HTML) 11 Page - ATMEL Corporation

Back Button TS68EN360DES02MYAL Datasheet HTML 7Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 8Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 9Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 10Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 11Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 12Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 13Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 14Page - ATMEL Corporation TS68EN360DES02MYAL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11
TS68EN360
2113A–HIREL–03/02
Requirements
General
This microcircuits are in accordance with the applicable document and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 3.
Lead Material and Finish
Lead material and finish shall be as specified in MIL-STD-883 (see enclosed “Ordering
Information” on page 79).
Package
The macrocircuits are packaged in hermetically sealed ceramic packages which are
conform to case outlines of MIL-STD-1835 or as follow:
PGA but see “241-pin – PGA” on page 77
•CERQUAD
The precise case outlines are described at the end of the specification (“Package
Mechanical Data” on page 77) and into MIL-STD-1835.
Electrical
Characteristics
Note:
This device contains protective circuitry against damage due to high static voltages or electrical fields; however, it is advised
that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-imped-
ance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (e.g., either GND
or V
DD).
Notes:
1. Permanent damage can occur if maximum ratings are exceeded. Exposure to voltages or currents in excess of recom-
mended values affects device reliability. Device modules may not operate normally while being exposed to electrical
extremes.
2. Although sections of the device contain circuitry to protect against damage from high static voltages or electrical fields, take
normal precautions to avoid exposure to voltages higher than maximum-rated voltages.
3. The supply voltage V
CC must start and restart from 0.0V; otherwise, the 360 will not come out of reset properly.Unless other-
wise stated, all voltages are referenced to the reference terminal.
Table 3. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
(1)(2)
V
CC
-0.3 to +6.5
V
Input Voltage
(1)(2)
VIN
-0.3 to +6.5
V
Storage Temperature Range
T
STG
-55 to +150
°C


同様の部品番号 - TS68EN360DES02MYAL

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com