データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KF50BD-TR データシート(PDF) 1 Page - STMicroelectronics

部品番号 KF50BD-TR
部品情報  Very low drop voltage regulators with inhibit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF50BD-TR データシート(HTML) 1 Page - STMicroelectronics

  KF50BD-TR Datasheet HTML 1Page - STMicroelectronics KF50BD-TR Datasheet HTML 2Page - STMicroelectronics KF50BD-TR Datasheet HTML 3Page - STMicroelectronics KF50BD-TR Datasheet HTML 4Page - STMicroelectronics KF50BD-TR Datasheet HTML 5Page - STMicroelectronics KF50BD-TR Datasheet HTML 6Page - STMicroelectronics KF50BD-TR Datasheet HTML 7Page - STMicroelectronics KF50BD-TR Datasheet HTML 8Page - STMicroelectronics KF50BD-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
19 March 2014
DocID4337 Rev 13
1/21
KFXX
Very low drop voltage regulators with inhibit
Datasheet
- production data
Features
• Very low dropout voltage (0.4 V)
• Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
• Output current up to 500 mA
• Logic-controlled electronic shutdown
• Output voltages of 2.5; 3.3; 5; 8 V
• Internal current and thermal limit
• Only 2.2 µF for stability
• Available in ± 2 % accuracy at 25 °C
• Supply voltage rejection: 70 db (typ.)
• Temperature range: - 40 to 125 °C
Description
The KF series are very low drop regulators
available in SO-8 and DPAK packages and in a
wide range of output voltages.
The very low dropout voltage (0.4 V) and the very
low quiescent current make them particularly
suitable for low noise, low power applications and
especially in battery powered systems.
A shutdown logic control function is available (pin
5, TTL compatible). This means that when the
device is used as a local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. It requires only a 2.2 µF
capacitor for stability allowing space and cost
saving.
DPAK
SO-8
Table 1. Device summary
Order codes
Output voltages
SO-8 (tape and reel)
DPAK (tape and reel)
KF25BD-TR
KF25BDT-TR
2.5 V
KF33BD-TR
KF33BDT-TR
3.3 V
KF50BD-TR
KF50BDT-TR
5 V
KF80BDT-TR
8 V
www.st.com


同様の部品番号 - KF50BD-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
KF50BD-TR STMICROELECTRONICS-KF50BD-TR Datasheet
740Kb / 22P
   Very low drop voltage regulators with inhibit
KF50BD-TR STMICROELECTRONICS-KF50BD-TR Datasheet
729Kb / 20P
   Very low drop voltage regulators with inhibit
More results

同様の説明 - KF50BD-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com