データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD320GK16 データシート(PDF) 2 Page - Sirectifier Semiconductors

部品番号 STD320GK16
部品情報  Thyristor-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECTIFIER [Sirectifier Semiconductors]
ホームページ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD320GK16 データシート(HTML) 2 Page - Sirectifier Semiconductors

  STD320GK16 Datasheet HTML 1Page - Sirectifier Semiconductors STD320GK16 Datasheet HTML 2Page - Sirectifier Semiconductors STD320GK16 Datasheet HTML 3Page - Sirectifier Semiconductors STD320GK16 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thyristor-Diode Modules
Symbol
Test Conditions
Characteristic Values
Unit
IRRM
TVJ=TVJM; VR=VRRM; VD=VDRM
70
mA
FEATURES
* International standard package
* DCB base plate
* Glass passivated chips
* UL File NO.E310749
ADVANTAGES
* Space and weight savings
* Simple mounting
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* Motor control
* Power converter
* Heat and temperature control for
industrial furnaces and chemical
processes
* Lighting control
* Contactless switches
mA
IDRM
40
V
VT, VF
IT, IF=600A; TVJ=25oC
1.32
VTO
For power-loss calculations only (TVJ=140oC)
0.8
V
rT
0.82
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
2
3
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
150
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.25
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
150
mA
TVJ=25oC; tp=30us; VD=6V
IG=0.45A; diG/dt=0.45A/us
200
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.112
0.056
K/W
per thyristor/diode; DC current
per module
RthJK
0.152
0.076
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
TVJ=25oC; VD=1/2VDRM
IG=1A; diG/dt=1A/us
tgd
2
us
TVJ=TVJM; IT=300A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=50V/us; VD=2/3VDRM
tq
200
us
uC
QS
TVJ=125oC; IT, IF=400A; -di/dt=50A/us
760
IRM
275
A
STD320GKXX
* RoHS compliant
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


同様の部品番号 - STD320GK16

メーカー部品番号データシート部品情報
logo
Sirectifier Semiconduct...
STD320GK16 SIRECTIFIER-STD320GK16 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

同様の説明 - STD320GK16

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com