データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBB1-AXX データシート(PDF) 6 Page - STMicroelectronics

部品番号 STBB1-AXX
部品情報  Buck-boost DC-DC converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1-AXX データシート(HTML) 6 Page - STMicroelectronics

Back Button STBB1-AXX Datasheet HTML 2Page - STMicroelectronics STBB1-AXX Datasheet HTML 3Page - STMicroelectronics STBB1-AXX Datasheet HTML 4Page - STMicroelectronics STBB1-AXX Datasheet HTML 5Page - STMicroelectronics STBB1-AXX Datasheet HTML 6Page - STMicroelectronics STBB1-AXX Datasheet HTML 7Page - STMicroelectronics STBB1-AXX Datasheet HTML 8Page - STMicroelectronics STBB1-AXX Datasheet HTML 9Page - STMicroelectronics STBB1-AXX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Absolute maximum ratings
STBB1-AXX
6/24
DocID022197 Rev 4
2
Absolute maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VIN
Input voltage
-0.3 to 7
V
VOUT
Output voltage
-0.3 to 7
V
SW1, SW
DC voltage
-0.3 to 7
V
FB
DC voltage
-0.3 to 1.5
V
MOD/SYNC, EN
DC voltage
-0.3 to 7
V
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
TJOP
Operating junction temperature range
-40 to +85
°C
ESD
Human body model
2
kV
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RTHJC
Thermal resistance junction-case
2.96
°C/W
RTHJA
Thermal resistance junction-ambient
30.9
°C/W


同様の部品番号 - STBB1-AXX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
More results

同様の説明 - STBB1-AXX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com