データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT30S_R1_00001 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BAT30S_R1_00001
部品情報  SMALL SIGNAL SCHOTTKY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT30S_R1_00001 データシート(HTML) 1 Page - Pan Jit International Inc.

  BAT30S_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAT30S_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAT30S_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAT30S_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAT30S_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. BAT30S_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.0-MAR.3.2010
STAD-MAR.15.2010-1
BAT30S
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE
30 Volt
300 mA
CURRENT
FEATURES
• Very low conduction losses
• Negligible switching losses
• Low forward and reverse recovery times
• Extremely Fast Switching
• Surface mount device
• Low capacitance diode
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 0.0003 ounce, 0.0084 gram
• Marking: L33
SERIES
ABSOLUTE RATINGS@ TJ=25oC, UNLESS OTHERWISE SPECIFIED
THERMAL CHARACTERISTICS
1. Pulse test : tp=5ms,
δ < 2%
PARAMETER
SYMBOL
VALUE
UNIT
Junc t i on t o am bi ent ( N ote 2)
R
θJA
500
oC/W
2. On epoxy printed circuit board with recommended pad layout
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
V
RRM
30
V
C o nt inuo us f o r w a r d c ur r e nt
I
O
300
mA
S ur ge no n r epet i t ive f o r w ar d cur r ent
tp=8.3ms Sinusoidal
I
FSM
1A
Storage temperature range
T
STG
-65 to + 150
oC
O per at i ng j unc t i on t e m per at ur e ( Not e 1)
T
J
150
O C
S o l der i ng t e mper at ur e
T
L
260
oC
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


同様の部品番号 - BAT30S_R1_00001

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BAT30SFILM STMICROELECTRONICS-BAT30SFILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30SFILM STMICROELECTRONICS-BAT30SFILM Datasheet
168Kb / 14P
   Small signal Schottky diodes
BAT30SJFILM STMICROELECTRONICS-BAT30SJFILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30SKFILM STMICROELECTRONICS-BAT30SKFILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30SP6FILM STMICROELECTRONICS-BAT30SP6FILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
More results

同様の説明 - BAT30S_R1_00001

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com