データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6130A2YZHR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6130A2YZHR
部品情報  138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2YZHR データシート(HTML) 11 Page - Texas Instruments

Back Button TPA6130A2YZHR Datasheet HTML 7Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 8Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 9Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 10Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 11Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 12Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 13Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 14Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k
20k
f - Frequency - Hz
V
= 2.5 V
DD
V
= 5 V
DD
V
= 3.6 V
DD
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k
20k
f - Frequency - Hz
V
= 2.5 V
DD
V
= 5 V
DD
V
= 3.6 V
DD
20
100
1k
10k
20k
f - Frequency - Hz
P
= 100 mW
O
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 200 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 100 mW
O
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 200 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 100 mW
O
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 200 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 100 mW
O
P
= 5 mW
O
TPA6130A2
www.ti.com
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
RL = 16 Ω
VDD = 5 V
Gain = 6.1 dB
RL = 32 Ω
VDD = 2.5 V
Gain = 6.1 dB
BTL
BTL
Figure 19. Total Harmonic Distortion + Noise vs Frequency
Figure 20. Total Harmonic Distortion + Noise vs Frequency
RL = 32 Ω
VDD = 3.6 V
Gain = 6.1 dB
RL = 32 Ω
VDD = 5 V
Gain = 6.1 dB
BTL
BTL
Figure 21. Total Harmonic Distortion + Noise vs Frequency
Figure 22. Total Harmonic Distortion + Noise vs Frequency
RL = 16 Ω
Cp = 1 µF
Gain = 0.1 dB
RL = 32 Ω
Cp = 1 µF
Gain = 0.1 dB
Stereo
Stereo
Figure 23. Supply Voltage Rejection Ratio vs Frequency
Figure 24. Supply Voltage Rejection Ratio vs Frequency
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA6130A2


同様の部品番号 - TPA6130A2YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results

同様の説明 - TPA6130A2YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com