データシートサーチシステム |
|
HCF4068BEY データシート(PDF) 2 Page - STMicroelectronics |
|
HCF4068BEY データシート(HTML) 2 Page - STMicroelectronics |
2 / 8 page HCF4068B 2/8 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLES ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS PIN No SYMBOL NAME AND FUNCTION 2, 3, 4, 5, 9, 10, 11, 12 A, B, C, D, E, F, G, H Data Inputs 6, 8 NC Not Connected 1 K Data Output (AND) 13 J Data Output (NAND) 7 VSS Negative Supply Voltage 14 VDD Positive Supply Voltage INPUTS OUTPUT ABCD E F G H J (NAND) L XXXX XXX H X L XXX XXX H XX L X X XXX H XXX L X XXX H XXXX L XXX H XXXXX L X X H XXXXX X L X H XXXXX XX L H HHHHH HHH L INPUTS OUTPUT ABCD E F G H K (AND) L XXXX XXX L X L XXX XXX L XX L X X XXX L XXX L X XXX L XXXX L XXX L XXXXX L X X L XXXXX X L X L XXXXX XX L L HHHHH HHH H Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3 to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |
同様の部品番号 - HCF4068BEY |
|
同様の説明 - HCF4068BEY |