データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC257 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHC257
部品情報  Quad 2-input multiplexer; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC257 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC257 Datasheet HTML 2Page - NXP Semiconductors 74AHC257 Datasheet HTML 3Page - NXP Semiconductors 74AHC257 Datasheet HTML 4Page - NXP Semiconductors 74AHC257 Datasheet HTML 5Page - NXP Semiconductors 74AHC257 Datasheet HTML 6Page - NXP Semiconductors 74AHC257 Datasheet HTML 7Page - NXP Semiconductors 74AHC257 Datasheet HTML 8Page - NXP Semiconductors 74AHC257 Datasheet HTML 9Page - NXP Semiconductors 74AHC257 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Apr 03
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74AHC257;
74AHCT257
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO packages: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP packages: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf
(
∆t/∆V)
input rise and fall time ratios
VCC = 3.3 ±0.3 V
−−
100
−−−
ns/V
VCC =5 ±0.5 V
−−
20
−−
20
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output clamping diode
current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC;IGND
DC VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C; note 2
500
mW


同様の部品番号 - 74AHC257

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC257 NEXPERIA-74AHC257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
logo
NXP Semiconductors
74AHC257D NXP-74AHC257D Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHC257D NEXPERIA-74AHC257D Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHC257D-Q100 NEXPERIA-74AHC257D-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
More results

同様の説明 - 74AHC257

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com