データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT11593DWR データシート(PDF) 5 Page - Texas Instruments

部品番号 74ACT11593DWR
部品情報  8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74ACT11593DWR データシート(HTML) 5 Page - Texas Instruments

  74ACT11593DWR Datasheet HTML 1Page - Texas Instruments 74ACT11593DWR Datasheet HTML 2Page - Texas Instruments 74ACT11593DWR Datasheet HTML 3Page - Texas Instruments 74ACT11593DWR Datasheet HTML 4Page - Texas Instruments 74ACT11593DWR Datasheet HTML 5Page - Texas Instruments 74ACT11593DWR Datasheet HTML 6Page - Texas Instruments 74ACT11593DWR Datasheet HTML 7Page - Texas Instruments 74ACT11593DWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74ACT11593
8-BIT BINARY COUNTER
WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
SCAS203 – JUNE 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–5
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/ V
TA
Operating free-air temperature
–40
85
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
IOH = – 50 µA
5.5 V
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
V
IOH = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
∆I
One input at 3 4 V
Other inputs at VCC or GND
55 V
09
1
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
Cio
VO = VCC or GND
5 V
12.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.


同様の部品番号 - 74ACT11593DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11593DWR TI1-74ACT11593DWR Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
More results

同様の説明 - 74ACT11593DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11593 TI1-74ACT11593_09 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
74AC11593 TI1-74AC11593 Datasheet
177Kb / 11P
[Old version datasheet]   8-BIT BINARY COUNTER WITH 3-STATE I/O INPUT REGISTERS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com