データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-BUS-EK データシート(PDF) 11 Page - Silicon Laboratories

部品番号 M-BUS-EK
部品情報  AC to DC power adapter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

M-BUS-EK データシート(HTML) 11 Page - Silicon Laboratories

Back Button M-BUS-EK Datasheet HTML 7Page - Silicon Laboratories M-BUS-EK Datasheet HTML 8Page - Silicon Laboratories M-BUS-EK Datasheet HTML 9Page - Silicon Laboratories M-BUS-EK Datasheet HTML 10Page - Silicon Laboratories M-BUS-EK Datasheet HTML 11Page - Silicon Laboratories M-BUS-EK Datasheet HTML 12Page - Silicon Laboratories M-BUS-EK Datasheet HTML 13Page - Silicon Laboratories M-BUS-EK Datasheet HTML 14Page - Silicon Laboratories M-BUS-EK Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Wi reless M-Bus-EK
Rev. 0.1
11
10. Si4431 Wireless M-Bus Development Platform
The Si4431 Wireless M-Bus Development Platform requires the purchase of the following items:
Three SDBC-DK3 EZRadioPRO Wireless Development Kits
Three 4431-DKDB3 - Si4431 +13 dB High-Band Test Cards
Two EC3 -USB Debug Adapters
One Supported Unlimited Compiler (Keil, Raisonance, or SDCC)
The Basic setup is shown in Figure 7.
Figure 7. Si4431 Wireless M-Bus Development Platform
The SDBC-DK3 EZRadioPRO Wireless Development Kit includes test cards for the +20 dB Si4432. These can be
used for M-Bus development, but the power will be too high. Note that the M-Bus stack requires the B1 revision of
the Si4431/2; so, an older version of the Si4432 cannot be used.
The first Software Development Board (SDB) functions as the transmitter or “Meter” device. The second SDB
functions as a receiver or “Other” device. The third SDB is used for an optional sniffer. The sniffer board is not
absolutely necessary but is very useful for debugging.
The Wireless M-Bus stack requires that the shut-down (SDN) pin of the radio must be connected to P0.7 on the
MCU; so, some small modification of the SDB is required. Cut the trace on Shorting Jumper SJ11 between Pins 2
and 3. Short Pins 1 and 2 using a 0
 805 resistor, wire, or solder bridge.
The hardware_defs.h file (included in the Wireless M-Bus stack source code) provides a hardware abstraction
layer for the M-Bus stack. The hardware_defs.h file should be edited to select the desired hardware platform before
using. Define the Si4431 software development board and comment out the other hardware options.
MBusPhyRx
Firmware
USB
Debug
Adapter
Hyper-
Terminal
MBusPhyRx
Workspace
MBbusPhyTx
Workspace
Si4431-B1
Test Card
MBusPhyTx
Firmware
USB
Debug
Adapter
EZRadioPRO
SDB
IDE
IDE
PC
MBusSniffer
Firmware
EZRadioPRO
SDB
EZRadioPRO
SDB
Si4431-B1
Test Card
Si4431-B1
Test Card


同様の部品番号 - M-BUS-EK

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
M-BAO40 COOPER-M-BAO40 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO40 COOPER-M-BAO40 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO50 COOPER-M-BAO50 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO50 COOPER-M-BAO50 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO63 COOPER-M-BAO63 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
More results

同様の説明 - M-BUS-EK

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI10XX-DK SILABS-SI10XX-DK Datasheet
1Mb / 26P
   AC to DC Power Adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com