データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2401FS10-EVB データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI2401FS10-EVB
部品情報  Audio connector for call monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401FS10-EVB データシート(HTML) 5 Page - Silicon Laboratories

  SI2401FS10-EVB Datasheet HTML 1Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 2Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 3Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 4Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 5Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 6Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 7Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 8Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Si2401FS10-EVB
Rev. 1.1
5
3.1.1. Voltage Regulator/Power Supply
The input voltage to either J3 or J4 must be between 7.5
and 13.5 V dc or 7.5 and 13.5 VPEAK ac. The
motherboard includes a diode bridge (D1–D4) to guard
against a polarity reversal of the dc voltage or to rectify
an ac voltage. The power source must be capable of
continuously supplying at least 100 mA. C50 serves as
a filter cap for an ac input. The voltage regulator, U1,
provides 5 V for the motherboard and the input for
voltage regulator U2, which outputs 3.3 V for use on the
motherboard and to power the daughter card. Si24xxDC
power consumption can be measured by placing a
meter between pins 1 and 2 of JP7. The connection
between JP7 pins 1 and 2 must be made at all times
when power is applied to the evaluation board either
through a jumper block or a low-impedance meter to
avoid damage to the daughter card. Power is supplied
to U2 through D5 from the USB.
3.1.2. Reset Circuitry
The Si2401 requires a reset pulse to remain low for at
least 5.0 ms after the power supply has stabilized during
the powerup sequence or for at least 5.0 ms during a
power-on reset, then go high with a rise time <100 ns.
Most production Si2401 modem chipset applications
require that RESET be controlled by the host processor.
Certain Si2401 operation modes, including Powerdown,
require a hardware reset to recover.
The Si2401FS10-EVB contains two reset options, an
automatic
power-on
reset
device,
U3
(DS1818)
(default), and a manual reset switch (S1) to permit
resetting
of
the
chip
without
removing
power.
Regardless of the mechanism, a reset causes all
modem settings to revert to factory default values. See
Figure 6 on page 11 and Figure 8 on page 13 for the
reset circuit schematic.
3.1.3. DS1818
The DS1818 is a small, low-cost device that monitors
the voltage on VD and an external reset pushbutton. If
VD drops below 3.0 V, the DS1818 provides a 220 ms
active-low reset pulse. On power-up, the DS1818 also
outputs an active low reset pulse for 220 ms after VD
reaches 90% of the nominal 3.3 V value. The DS1818
outputs a 220 ms reset pulse any time the power supply
voltage exceeds the 3.3 V ±10% window.
3.1.4. Manual Reset
The manual reset switch (S1) performs a power-on
reset. This resets the Si2401 to factory defaults without
turning off power. If S1 is used in conjunction with U6,
pressing S1 activates the reset monitor in the DS1818
and produces a 220 ms active low reset pulse.
3.1.5. Interface Selection
The serial interface of the Si2401FS10-EVB can be
connected to a computer terminal, embedded system,
or any other Data Terminal Equipment (DTE) via a
standard RS-232 interface, USB interface, or direct TTL
serial interface.
The Si2401 can be tested as a standard data modem by
connecting
the
Si2401FS10-EVB
to
a
personal
computer or other DTE, power supply, and a phone line.
A PC can communicate with the Si2401FS10-EVB
using a standard terminal program, such as HyperTerm
or ProComm.
Jumper settings determine how the Si2401FS10-EVB is
connected to the DTE. Table 3 lists the interface
controlled by each motherboard jumper. See Figure 7
on page 12 and Figure 17 on page 22.
3.1.6. RS-232 Interface
This operation mode uses the standard factory jumper
settings illustrated in Figure 1 on page 3. The Maxim
MAX3237 transceiver interfaces directly with the TTL
levels available at the serial interface of the Si2401 and,
using internal charge pumps, makes these signals
compatible with the RS-232 standard. The RS-232
transceiver on the Si2401FS10-EVB can communicate
at rates between 300 bps and 1 Mbps. This simplifies
the connection to PCs and other Data Terminal
Equipment
(DTE).
The
signals
available
on
the
Si2401FS10-EVB serial interface (DB9 connector) are
listed in Table 4.
Table 3. Interface Selection Jumpers
Jumper
Function
JP1
Daughter Card Phone Line Connector.
JP2
Daughter Card Digital Connector.
JP3
Direct Access Header.
JP4
Not Used.
JP5
USB Enable (RS-232 Disable).
JP6
Options.
JP7
3.3 V Power for Daughter Card.
JP8
Disable both RS-232 and USB.
JP9
Not Used.
JP10
Not Used.
JP11
Not Used.
JP12
Enable 27 MHz Clock Option.


同様の部品番号 - SI2401FS10-EVB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
More results

同様の説明 - SI2401FS10-EVB

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI2400URT-EVB SILABS-SI2400URT-EVB Datasheet
683Kb / 22P
   Audio connector for call monitoring
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
   Selective Call
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
PHOENIX CONTACT
PSI-MODEM-BASIC PHOENIX-PSI-MODEM-BASIC Datasheet
60Kb / 2P
   Configurable, selective call acceptance
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com