データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4022 データシート(PDF) 3 Page - Silicon Laboratories

部品番号 SI4022
部品情報  Programmable output power level
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4022 データシート(HTML) 3 Page - Silicon Laboratories

  SI4022 Datasheet HTML 1Page - Silicon Laboratories SI4022 Datasheet HTML 2Page - Silicon Laboratories SI4022 Datasheet HTML 3Page - Silicon Laboratories SI4022 Datasheet HTML 4Page - Silicon Laboratories SI4022 Datasheet HTML 5Page - Silicon Laboratories SI4022 Datasheet HTML 6Page - Silicon Laboratories SI4022 Datasheet HTML 7Page - Silicon Laboratories SI4022 Datasheet HTML 8Page - Silicon Laboratories SI4022 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Si4022
 
 
 
PIN DEFINITION
Pin type key: D=digital, A=analog, S=supply, I=input, O=output, IO=input/output
SDI
SCK
nSEL
SDO
nIRQ
CLK
VREFO
VSS_D
FSK
VDD
VSS_B
RF02
RF01
VSS_A
nRES
XTL / REF
Pin
Name
Function
Type
Description
1
SDI
SDI
DI
Serial control / data input
2
SCK
SCK
DI
Serial interface clock input
3
nSEL
nSEL
DI
Chip (interface) select input (active low)
4
SDO
SDO
DO
Serial status data output
5
nIRQ
nIRQ
DO
Interrupt request output (active low)
6
CLK
CLK
DO
Clock output for the microcontroller
7
VREFO
VREFO
AO
Voltage reference output
8
VSS_D
VSS_D
S
Negative supply voltage (digital)
9
XTL / REF
XTL
AIO
Crystal connection (other terminal of crystal to VSS)
REF
DI
External reference input
10
nRES
nRES
DO
Reset output (active low)
11
VSS_A
VSS_A
S
Negative supply voltage (analog)
12
RFO1
RFO1
AO
RF differential signal output (open collector)
13
RFO2
RFO2
AO
RF differential signal output (open collector)
14
VSS_B
VSS_B
S
Negative supply voltage (bulk)
15
VDD
VDD
S
Positive supply voltage
16
FSK
FSK
DI
Data input for asynchronous modulation
1
 
16
2
 
15
3
 
14
4
IA4222
13
5
 
12
6
 
11
7
 
10
8
 
9


同様の部品番号 - SI4022

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
More results

同様の説明 - SI4022

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4355-3 AD-ADF4355-3 Datasheet
1Mb / 35P
   Programmable output power level
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
   3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com