データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4455-2 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI4455-2
部品情報  The kits support use of the Wireless Development Suite
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455-2 データシート(HTML) 5 Page - Silicon Laboratories

  SI4455-2 Datasheet HTML 1Page - Silicon Laboratories SI4455-2 Datasheet HTML 2Page - Silicon Laboratories SI4455-2 Datasheet HTML 3Page - Silicon Laboratories SI4455-2 Datasheet HTML 4Page - Silicon Laboratories SI4455-2 Datasheet HTML 5Page - Silicon Laboratories SI4455-2 Datasheet HTML 6Page - Silicon Laboratories SI4455-2 Datasheet HTML 7Page - Silicon Laboratories SI4455-2 Datasheet HTML 8Page - Silicon Laboratories SI4455-2 Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si4455-2Wa yLink-DEMO
Rev. 0.4
5
connected to the EZRadio chip by default (represented by x in the table above). The user can connect them by
soldering in jumpers across the appropriate pins of J3.
5.1. Setting up and Connecting the RFStick to a PC
The power source of the board can be selected with the power-supply selector switch (S6). If S6 is in the Adapter
position, supply voltage is provided by a Toolstick Base Adapter that is connected to the J1 PCB edge connector. If
S6 is in the Battery position, the supply voltage is provided by two AAA batteries in the battery holder on the bottom
side of the board. Current consumption of the RF part (RFVDD) can be measured on J6. Since J6 is shorted by a
PCB track on the bottom side of the board, the user must cut the track if this feature is used.
Figure 2. How to Connect the RFStick to the PC
Steps for connecting to a PC:
Select the desired power source with S6 power selector switch.
Connect the J1 connector of the RFStick to the Toolstick Base Adapter.
Connect the Toolstick Base Adapter to the USB port of the PC.
Wait for Windows to install the driver of the Toolstick Base Adapter, if necessary.
The RFStick is available in three different frequency band versions from Silicon Labs as part of several EZRadio
kits.


同様の部品番号 - SI4455-2

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

同様の説明 - SI4455-2

メーカー部品番号データシート部品情報
logo
Keysight Technologies
E6569E KEYSIGHT-E6569E Datasheet
763Kb / 2P
   Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
E6571E KEYSIGHT-E6571E Datasheet
763Kb / 2P
   Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
logo
Tyco Electronics
408-8980 MACOM-408-8980 Datasheet
897Kb / 8P
   These instructions cover the installation and use of the kits listed in the table in Figure 1.
logo
Sharp Corporation
LS012B7DD01 SHARP-LS012B7DD01 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
STMicroelectronics
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1177 STMICROELECTRONICS-TN1177 Datasheet
232Kb / 12P
   To ease the development of STM32 microcontroller applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com