データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4455-2 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI4455-2
部品情報  The kits support use of the Wireless Development Suite
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455-2 データシート(HTML) 1 Page - Silicon Laboratories

  SI4455-2 Datasheet HTML 1Page - Silicon Laboratories SI4455-2 Datasheet HTML 2Page - Silicon Laboratories SI4455-2 Datasheet HTML 3Page - Silicon Laboratories SI4455-2 Datasheet HTML 4Page - Silicon Laboratories SI4455-2 Datasheet HTML 5Page - Silicon Laboratories SI4455-2 Datasheet HTML 6Page - Silicon Laboratories SI4455-2 Datasheet HTML 7Page - Silicon Laboratories SI4455-2 Datasheet HTML 8Page - Silicon Laboratories SI4455-2 Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 0.4
Copyright © 2014 by Silicon Laboratories
Si4455-2WayLink-DEMO
Si4455-2WayLink-DEMO
Si4455 EZR ADIO® TWO-WAY L INK D EMO K IT
U SER S G UIDE
1. Kit Overview
This user's guide describes Silicon Labs' Si4455 EZRadio® Two-Way Link demo kit. The kit contains two RF nodes
based on the RFStick board to support evaluation and development of sub-GHz RF links with the Si4455 EZRadio
IC. The kit has three versions: one for the 434-MHz band, one for the 868-MHz band, and one for the 915-MHz
band. The content of the different kits are listed in Table 1. These kits are built with the B1A version of the Si4455
IC. RFSticks that are built with the latest C version of the Si4455 ICs can be ordered from Silicon Labs individually
under the part numbers Si4455CLED-434-PER, Si4455CLED-868-PER, and Si4455CLED-915-PER.
The RFStick has four LEDs to display information and four push-buttons to receive user commands.
Additionally, the Silicon Labs’ Toolstick Base Adapter is provided in the kits to connect the RFStick to the PC for
downloading and debugging user applications.
The kits support use of the Wireless Development Suite (WDS) for setting radio parameters and managing
sample codes.
The kits support the use of the Silicon Labs Integrated Development Environment (IDE) for software debugging
and the use of the Keil C compiler, assembler, and linker toolchain.
Table 1. Kit Contents
Qty
Part Number
Description
EZR-LEDK2W-434
Si4455 EZRadio Two-Way Link Demo Kit 434 MHz
2
4455-LED-434-PER
Si4555 RFStick 434 MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery
EZR-LEDK2W-868
Si4455 EZRadio Two-Way Link Demo Kit 868 MHz
2
4455-LED-868-PER
Si4555 RFStick 868 MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery
EZR-LEDK2W-915
Si4455 EZRadio Two-Way Link Demo Kit 915 MHz
2
4455-LED-915-PER
Si4555 RFStick 915 MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery


同様の部品番号 - SI4455-2

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

同様の説明 - SI4455-2

メーカー部品番号データシート部品情報
logo
Keysight Technologies
E6569E KEYSIGHT-E6569E Datasheet
763Kb / 2P
   Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
E6571E KEYSIGHT-E6571E Datasheet
763Kb / 2P
   Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
logo
Tyco Electronics
408-8980 MACOM-408-8980 Datasheet
897Kb / 8P
   These instructions cover the installation and use of the kits listed in the table in Figure 1.
logo
Sharp Corporation
LS012B7DD01 SHARP-LS012B7DD01 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
STMicroelectronics
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1177 STMICROELECTRONICS-TN1177 Datasheet
232Kb / 12P
   To ease the development of STM32 microcontroller applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com