データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5040-EVB データシート(PDF) 11 Page - Silicon Laboratories

部品番号 SI5040-EVB
部品情報  Four selectable on-chip reference frequencies
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5040-EVB データシート(HTML) 11 Page - Silicon Laboratories

Back Button SI5040-EVB Datasheet HTML 7Page - Silicon Laboratories SI5040-EVB Datasheet HTML 8Page - Silicon Laboratories SI5040-EVB Datasheet HTML 9Page - Silicon Laboratories SI5040-EVB Datasheet HTML 10Page - Silicon Laboratories SI5040-EVB Datasheet HTML 11Page - Silicon Laboratories SI5040-EVB Datasheet HTML 12Page - Silicon Laboratories SI5040-EVB Datasheet HTML 13Page - Silicon Laboratories SI5040-EVB Datasheet HTML 14Page - Silicon Laboratories SI5040-EVB Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si5040-EVB
Rev. 0.4
11
4. Bill of Materials
Table 3. Si5040-EVB Bill of Materials
Item
Qty
Reference
Description
Manufacturer Number
Manufacturer
1
8
C1,C2,C10,
C11,C12
CAP, SM, 0.1 µF, 10 V, 10%, X7R,0402
540L105KW10820T
ATC
C13,C14,C19
2
14
C4,C8,C20,
C21,C22,C23,
C24,C25,C26,
C27,C28,C34,
C36,C37,
CAP, SM, 0.1 µF, 16 V, 10%, X7R,0402
C0402X7R160-104KNE
Venkel
3
7
C5,C6,C7,
C17,C18,
C38,C39
CAP, SM, 0.01 µF, 25 V, X7R,0402
C0402X7R250-103KNE
Venkel
4
1
C3
CAP, SM, 4.7 µF, 6.3 V, X7R,0805
CEJMK212BJ475KG-T
Taiyo Yuden
5
3
C9,C15,C16
CAP, SM, 1000 pF, 50 V, 5%, C0G,0402
C0402C0G500-102JNE
Venkel
6
2
C29,C30
CAP, SM, 1 µF, 6.3 V, X7R, 0603
C0603X7R6R3-105KNE
Venkel
7
3
C31,C32,C33
CAP, SM, 10 µF, 10 V, X7R, 1206
C1206X7R100-106KNE
Venkel
8
5
D1,D2,D6,
D7,D8
LED, SM, LN1371G, GREEN
LN1371G
Panasonic
9
4
D3,D4,D5,D9
LED, SM, LN1271, BRIGHT RED
LN1271RAL-TR
Panasonic
10
2
FB1,FB2
FERRITE, SM, 165
, 2000 mA
MPZ1608S221A
TDK
11
4
J1,J2,J3,J5
CONN, SMA, SM, VERT
142-0711-201
Johnson
Components
12
1
J4
CONN, HEADER, 5x2
103309-1
AMP
13
8
J6,J7,J11,J12,
J13,J14,J15,
J16
CONN, SMA, COPLANAR
142-0761-801
Johnson
Components
14
2
J8,J9
CONN, POWER, 2 POSITION
1729018
Phoenix Contact
15
1
J10
CONN, USB, B, RECEPT
897-30-004-90-000000
MILL-MAX
16
1
J17
CONN, HEADER, 10X2
2340-6111TN or 2380-6121TN
3M
17
7
JP1,JP5,JP6,
JP7,JP8,JP9,
JP10
CONN, HEADER, 1X1
2340-6111TN or 2380-6121TN
3M
18
5
JP2,JP3,JP11,
JP12,JP13
CONN, HEADER, 2x1
2340-6111TN or 2380-6121TN
3M
19
3
JP16,JP17,
JP18
CONN, HEADER, 3x1
2340-6111TN or 2380-6121TN
3M
20
8
R1,R5,R15,
R16,R18,R19,
R27,R28
RES, SM, 3.01 k
, 1%, 0402
CR0402-16W-3011FT
Venkel


同様の部品番号 - SI5040-EVB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
More results

同様の説明 - SI5040-EVB

メーカー部品番号データシート部品情報
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
logo
Silicon Laboratories
SI512-13 SILABS-SI512-13 Datasheet
1Mb / 20P
   Two selectable output frequencies
logo
Texas Instruments
SN74GTL3004 TI-SN74GTL3004 Datasheet
449Kb / 10P
[Old version datasheet]   SELECTABLE GTL VOLTAGE REFERENCE
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
logo
IQD Frequency Products ...
IQXO-90 IQD-IQXO-90 Datasheet
177Kb / 3P
   Selectable output frequencies (Up to 4)
logo
Intersil Corporation
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
   Selectable, Four Channel Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com