データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5340-EVB データシート(PDF) 4 Page - Silicon Laboratories

部品番号 SI5340-EVB
部品情報  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5340-EVB データシート(HTML) 4 Page - Silicon Laboratories

  SI5340-EVB Datasheet HTML 1Page - Silicon Laboratories SI5340-EVB Datasheet HTML 2Page - Silicon Laboratories SI5340-EVB Datasheet HTML 3Page - Silicon Laboratories SI5340-EVB Datasheet HTML 4Page - Silicon Laboratories SI5340-EVB Datasheet HTML 5Page - Silicon Laboratories SI5340-EVB Datasheet HTML 6Page - Silicon Laboratories SI5340-EVB Datasheet HTML 7Page - Silicon Laboratories SI5340-EVB Datasheet HTML 8Page - Silicon Laboratories SI5340-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Si5340-EVB
4
Rev. 1.0
5. Status LEDs
D11 is illuminated when USB +5V supply voltage is present. D12 and D13 are status LEDs showing on-board MCU
activity.
Figure 2. Status LEDs
Si5340 EVB Status LEDs
Location
Silkscreen
Color
Status Function Indication
D5
INTRB
Blue
DUT Interrupt
D7
LOLB
Blue
DUT Loss of Lock
D8
LOSXAXBB
Blue
DUT Loss of Reference
D11
+5V MAIN
Green Main USB +5V present
D12
READY
Green MCU Ready
D13
BUSY
Green MCU Busy


同様の部品番号 - SI5340-EVB

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si5340-D-EVB SILABS-Si5340-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

同様の説明 - SI5340-EVB

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com