データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7023-A10 データシート(PDF) 11 Page - Silicon Laboratories

部品番号 SI7023-A10
部品情報  Excellent long term stability
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7023-A10 データシート(HTML) 11 Page - Silicon Laboratories

Back Button SI7023-A10 Datasheet HTML 7Page - Silicon Laboratories SI7023-A10 Datasheet HTML 8Page - Silicon Laboratories SI7023-A10 Datasheet HTML 9Page - Silicon Laboratories SI7023-A10 Datasheet HTML 10Page - Silicon Laboratories SI7023-A10 Datasheet HTML 11Page - Silicon Laboratories SI7023-A10 Datasheet HTML 12Page - Silicon Laboratories SI7023-A10 Datasheet HTML 13Page - Silicon Laboratories SI7023-A10 Datasheet HTML 14Page - Silicon Laboratories SI7023-A10 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Si7023-A10
Rev. 1.1
11
4. Functional Description
Figure 5. Si7023 Block Diagram
The Si7023 is a digital relative humidity and temperature sensor that integrates temperature and humidity sensor
elements, an analog-to-digital converter, signal processing, calibration, polynomial non-linearity correction, and a
PWM output all in a single chip. The Si7023 is individually factory-calibrated for both temperature and humidity,
with the calibration data stored in on-chip, non-volatile memory. This ensures that the sensor is fully
interchangeable, with no recalibration or changes to software required. Patented use of industry-standard CMOS
and low-K dielectrics as a sensor enables the Si7023 to achieve excellent long term stability and immunity to
contaminants with low drift and hysteresis. The Si7023 offers a low power, high accuracy, calibrated and stable
solution ideal for a wide range of temperature, humidity, and dew-point applications including medical and
instrumentation, high reliability automotive and industrial systems, and cost-sensitive consumer electronics.
While the Si7023 is largely a conventional mixed-signal CMOS integrated circuit, relative humidity sensors in
general and those based on capacitive sensing using polymeric dielectrics have unique application and use
requirements that are not common to conventional (non-sensor) ICs. Chief among those are:

The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
rehydrate the sensor.

The need to protect the senor from damage or contamination during the product life-cycle.

The impact of prolonged exposure to extremes of temperature and/or humidity and their potential effect on
sensor accuracy.

The effects of humidity sensor “memory”.
Each of these items is discussed in more detail in the following sections.


同様の部品番号 - SI7023-A10

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Si7023-A20-IM SILABS-Si7023-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1 SILABS-Si7023-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1R SILABS-Si7023-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IMR SILABS-Si7023-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - SI7023-A10

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com