データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1103 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 TS1103
部品情報  Power Management Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1103 データシート(HTML) 1 Page - Silicon Laboratories

  TS1103 Datasheet HTML 1Page - Silicon Laboratories TS1103 Datasheet HTML 2Page - Silicon Laboratories TS1103 Datasheet HTML 3Page - Silicon Laboratories TS1103 Datasheet HTML 4Page - Silicon Laboratories TS1103 Datasheet HTML 5Page - Silicon Laboratories TS1103 Datasheet HTML 6Page - Silicon Laboratories TS1103 Datasheet HTML 7Page - Silicon Laboratories TS1103 Datasheet HTML 8Page - Silicon Laboratories TS1103 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS1103
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
♦ Ultra-Low Supply Current: 1μA
♦ Wide Input Common Mode Range: +2V to +27V
♦ Low Input Offset Voltage: 200μV (max)
♦ Low Gain Error: 0.6% (max)
♦ Voltage Output
♦ Four Gain Options Available:
TS1103-25: Gain = 25V/V
TS1103-50: Gain = 50V/V
TS1103-100: Gain = 100V/V
TS1103-200: Gain = 200V/V
♦ 6-Lead SOT23 Packaging
APPLICATIONS
Notebook Computers
Power Management Systems
Portable/Battery-Powered Systems
Smart Chargers
Smart Phones
DESCRIPTION
The TS1103 is the latest addition to the TS1101
family
of
bidirectional
current-sense
amplifiers.
Consuming a very low 1
μA supply current, the
TS1103 high-side current-sense amplifiers combine a
200-µV (max) VOS and a 0.6% (max) gain error for
cost-sensitive
applications.
For
all
high-side
bidirectional
current-sensing
applications,
the
TS1103s are self-powered and feature a wide input
common-mode voltage range from 2V to 27V. A
SIGN comparator digital output is also provided that
indicates the direction of current flow depending on
the external connections to the TS1103’s RS+ and
RS- input terminals.
The SOT23 package makes the TS1103 an ideal
choice for pcb-area-critical, supply-current-conscious,
high-accuracy
current-sense
applications
in
all
battery-powered and portable instruments.
All TS1103s are specified for operation over the
-40°C to +105°C extended temperature range.
A 1µA, 200µVOS Bidirectional Precision Current-Sense Amplifier
TYPICAL APPLICATION CIRCUIT
PART
GAIN OPTION
TS1103-25
25 V/V
TS1103-50
50 V/V
TS1103-100
100 V/V
TS1103-200
200 V/V
SIGN Comparator’s Symmetric ILOAD Crossover


同様の部品番号 - TS1103

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TS1103-100 TOUCHSTONE-TS1103-100 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1103-100-EG6 SILABS-TS1103-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-100-EG6T SILABS-TS1103-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Touchstone Semiconducto...
TS1103-100EG6T TOUCHSTONE-TS1103-100EG6T Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
More results

同様の説明 - TS1103

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com