データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V41235 データシート(PDF) 1 Page - Integrated Device Technology

部品番号 5V41235
部品情報  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235 データシート(HTML) 1 Page - Integrated Device Technology

  5V41235 Datasheet HTML 1Page - Integrated Device Technology 5V41235 Datasheet HTML 2Page - Integrated Device Technology 5V41235 Datasheet HTML 3Page - Integrated Device Technology 5V41235 Datasheet HTML 4Page - Integrated Device Technology 5V41235 Datasheet HTML 5Page - Integrated Device Technology 5V41235 Datasheet HTML 6Page - Integrated Device Technology 5V41235 Datasheet HTML 7Page - Integrated Device Technology 5V41235 Datasheet HTML 8Page - Integrated Device Technology 5V41235 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41235
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
1
5V41235
MAY 5, 2017
Recommended Applications
2 Output synthesizer for PCIe Gen1/2/3 and Ethernet
General Description
The 5V41235 is a PCIe Gen2/3 compliant spread spectrum
capable clock generator. The device has 2 differential
HCSL outputs and can be used in communication or
embedded systems to substantially reduce
electro-magnetic interference (EMI). The spread amount
and output frequency are selectable via select pins. The
5V41235 can also supply 25 MHz, 125 MHz and 200 MHz
outputs for applications such as Ethernet.
Output Features
2 - 0.7V current mode differential HCSL output pairs
Features/Benefits
16-pin TSSOP and QFN packages; small board footprint
Spread-spectrum capable; reduces EMI
Outputs can be terminated to LVDS; can drive a wider
variety of devices
TSSOP package: 25MHz, 100MHz, 125MHz and
200MHz output frequencies.
QFN package: 100MHz and 200MHz output frequencies.
OE control pin; greater system power management
Spread% and frequency pin selection; no software
required to configure device
Industrial temperature range available; supports
demanding embedded applications
Key Specifications
Cycle-to-cycle jitter < 100 ps
Output-to-output skew < 50 ps
PCIe Gen2 phase jitter < 3.0ps RMS
PCIe Gen3 phase jitter <1.0ps RMS
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
SS1:SS0
2
S1:S0
2
CLK0
CLK0
Rr(IREF)
CLK1
CLK1
2
2
OE
Optional tuning crystal
capacitors


同様の部品番号 - 5V41235

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG RENESAS-5V41235NLG Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG18 RENESAS-5V41235NLG18 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG8 RENESAS-5V41235NLG8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLGI RENESAS-5V41235NLGI Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

同様の説明 - 5V41235

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com