データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V41235PGGI8 データシート(PDF) 8 Page - Integrated Device Technology

部品番号 5V41235PGGI8
部品情報  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235PGGI8 データシート(HTML) 8 Page - Integrated Device Technology

Back Button 5V41235PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 9Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 10Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 11Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
5V41235
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
8
5V41235
MAY 5, 2017
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5V41235. These ratings are stress ratings
only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product
reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
C
1. Single edge is monotonic when transitioning through region.
2. Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDDXD, VDDODA
4.6 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
C
Ambient Operating Temperature (industrial)
-40 to +85
C
Storage Temperature
-65 to +150
C
Junction Temperature
125
C
Soldering Temperature
260
C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.3
3.465
V
Input High Voltage1
VIH
S0, S1, OE, ICLK, SS0, SS1
2.2
VDD +0.3
V
Input Low Voltage1
VIL
S0, S1, OE, ICLK, SS0, SS1
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
A
Operating Supply Current
@100 MHz
IDD
RS=33RP=50, CL=2 pF
63
85
mA
IDDOE
OE =Low
42
50
mA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
X1, X2 Capacitance
CINX
5pF
Pin Inductance
LPIN
5nH
Output Impedance
ZO
CLK outputs
3.0
k
Pull-up Resistor
RPU
S0, S1, OE, SS0, SS1
100
k


同様の部品番号 - 5V41235PGGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V41235PGGI8 RENESAS-5V41235PGGI8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

同様の説明 - 5V41235PGGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com