データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0401A-10-Q1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0401A-10-Q1
部品情報  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A-10-Q1 データシート(HTML) 5 Page - Texas Instruments

  TPL0401A-10-Q1 Datasheet HTML 1Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 2Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 3Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 4Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 5Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 6Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 7Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 8Page - Texas Instruments TPL0401A-10-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TPL0401A
TPL0401B
www.ti.com
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: TPL0401A TPL0401B
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
INL = ((VMEAS[code x] – VMEAS[code 0]) / LSB) – [code x]
(2)
LSB = (VMEAS[code 127] – VMEAS[code 0]) / 127
(3)
DNL = ((VMEAS[code x] – VMEAS[code x–1]) / LSB) – 1
(4)
ZSERROR = VMEAS[code 0] / IDEAL_LSB
(5)
IDEAL_LSB = VH / 128
(6)
FSERROR = [(VMEAS[code 127] – VH) / IDEAL_LSB] + 1
(7)
RINL = ( (RMEAS[code x] – RMEAS[code 0]) / RLSB) – [code x]
(8)
RLSB = (RMEAS[code 127] – RMEAS[code 0]) / 127
(9)
RDNL = ( (RMEAS[code x] – RMEAS[code x–1]) / RLSB ) – 1
(10) ROFFSET = RMEAS[code 0] / IDEAL_RLSB
(11) IDEAL_RLSB = RTOT / 128
7.5 Electrical Characteristics
Typical values are specified at 25°C and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RTOTAL
End-to-end resistance
8
10
12
k
RH
Terminal resistance
100
200
RW
Wiper resistance
35
100
CH
Terminal capacitance
10
pF
CW
Wiper capacitance
11
pF
TCR
Resistance temperature coefficient
22
ppm/°C
IDD(STBY)
VDD standby current
–40°C to +105°C
0.5
µA
–40°C to +125°C
1.5
IIN-DIG
Digital pins leakage current (SCL,
SDA Inputs)
–2.5
2.5
µA
SERIAL INTERFACE SPECS (SDA, SCL)
VIH
Input high voltage
0.7 ×
VDD
VDD
V
VIL
Input low voltage
0
0.3 ×
VDD
V
VOL
Output low voltage
SDA Pin, IOL = 4 mA
0.4
V
CIN
Pin capacitance
SCL, SDA Inputs
7
pF
VOLTAGE DIVIDER MODE (VH = VDD, VW = Not Loaded)
INL(1)(2)
Integral non-linearity
–0.5
0.5
LSB
DNL(3)(2)
Differential non-linearity
–0.25
0.25
LSB
ZSERROR
(4) (5)
Zero-scale error
0
0.75
1.5
LSB
FSERROR
(6) (5)
Full-scale error
–1.5
–0.75
0
LSB
TCV
Ratiometric temperature coefficient Wiper set at mid-scale
4
ppm/°C
BW
Bandwidth
Wiper set at mid-scale,
CLOAD = 10 pF
2862
kHz
TSW
Wiper settling time
See Figure 10
0.152
µs
THD+N
Total harmonic distortion
VH = 1 VRMS at 1 kHz,
measurement at W
0.03
%
RHEOSTAT MODE (VH = VDD, VW = Not Loaded)
RINL(7)(8)
Rheostat mode integral non-
linearity
–1
1
LSB
RDNL(9)(8)
Rheostat mode differential non-
linearity
0.5
0.5
LSB
ROFFSET
(10) (1
1)
Rheostat-mode zero-scale error
0
0.75
2
LSB


同様の部品番号 - TPL0401A-10-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
More results

同様の説明 - TPL0401A-10-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com