データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2S703QDGSRQ1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2S703QDGSRQ1
部品情報  Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S703QDGSRQ1 データシート(HTML) 7 Page - Texas Instruments

Back Button TPD2S703QDGSRQ1 Datasheet HTML 3Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 4Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 5Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 9Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 10Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
TPD2S703-Q1
www.ti.com
SLLSEU8 – MARCH 2017
Product Folder Links: TPD2S703-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVD_LEAK_3.6V
Leakage current on VD±
during normal operation
VD±
Standard mode 0 or mode 1. Set VD± = 3.6 V.
D± = floating. Measure current flowing into VD±
2.5
4
µA
VOVP_3.3V
Input overvoltage threshold
for VREF = 3.3 V
VD±
Standard mode 1. RTOP = 140 kΩ ± 1%, RBOT =
24.9 k
Ω ± 1%. Connect D± to 40-Ω load.
Measure the value at which FLTZ is asserted
3.61
4.14
4.67
V
VOVP_0.66V
Input overvoltage threshold
for VREF = 0.66 V
VD±
Standard mode 1. RTOP = 47.5 kΩ ± 1%, RBOT =
150 k
Ω ± 1%. Connect D± to 40-Ω load.
Measure the value at which FLTZ is asserted
0.72
0.83
0.94
V
SHORT-TO-BATTERY
VDATA_STB
Data line hotplug short-to-
battery tolerance
Charge battery-equivalent capacitor to test
voltage then discharge to pin under test through
a 1 meter, 18-ga wire. (See Figure 23
application information for more details)
18
V
VCLAMP_STB_DP/M_3V3
Data line system side
clamping voltage during STB
Test both D+ and D– FETs. Test D+ and D–
independently. Short VD+ and VD– to 18 V via
hotplug to a battery-equivalent capacitor with a
1 meter, 18-ga wire. VREF = 3.3 V, VPWR = 5 V.
Test in standard mode 0 and mode 1
5.5
6
V
VCLAMP_STB_DP/M_0V6
Data line system side
clamping voltage during STB
Test both D+ and D– FETs. Short VD+ and
VD– to 18 V via hotplug to a battery-equivalent
capacitor with a 1 meter, 18-ga wire. VREF =
0.63 V, VPWR = 5 V. Test in standard mode 0
and mode 1
3.2
3.5
V
DATA LINE SWITCHES – VD+ to D+ or VD– to D–
RON
On resistance
Mode 0 or 1. Set VPWR = 5 V; VREF = 3.3 V; EN
= 0 V; Measure resistance between D+ and
VD+ or D– and VD–, voltage between 0 and 0.4
V
4
6.5
Ω
RON(Flat)
On resistance flatness
Mode 0 or 1. Set VPWR = 5 V; VREF = 3.3 V; EN
= 0 V; Measure resistance between D+ and
VD+ or D– and VD–, sweep voltage between 0
and 0.4 V. Take difference of resistance at 0.4-
V and 0-V VD± bias
1
Ω
BWON
On bandwidth (–3-dB)
Mode 0 or 1. Set VPWR = 5 V; VREF = 3.3 V; EN
= 0 V; Measure S21 bandwidth from D+ to VD+
or D– to VD– with voltage swing = 400 mVpp,
Vcm = 0.2 V
960
MHz


同様の部品番号 - TPD2S703QDGSRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDGSRQ1 TI1-TPD2S701QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDSKRQ1 TI1-TPD2S701QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
More results

同様の説明 - TPD2S703QDGSRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com