データシートサーチシステム |
|
CAT25040U データシート(PDF) 8 Page - Catalyst Semiconductor |
|
CAT25040U データシート(HTML) 8 Page - Catalyst Semiconductor |
8 / 11 page 8 CAT25010/20/40 Doc. No. 1006, Rev. L Figure 7. WRSR Timing Figure 6. Write Instruction Timing array because the write enable latch will not have been properly set. Also, for a successful write operation the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block protection level. Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 8-bit address for 25010/20/40 (for the 25040, bit 3 of the read data instruction contains address A8). Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence. During an internal write cycle, all commands will be ignored except the RDSR (Read Status Register) instruction. The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the Note: Dashed Line= mode (1, 1) – –––– *X=0 for 25010, 25020 ; X=A8 for 25040 Note: Dashed Line= mode (1, 1) – –––– SK SI SO 0 0 0 0 0 0 1 0 ADDRESS D7 D6 D5 D4 D3 D2 D1 D0 012345678 21 22 23 24 25 26 27 28 29 30 31 CS OPCODE DATA IN HIGH IMPEDANCE 0 1 2 345 67 8 10 911 12 13 14 SCK SI MSB HIGH IMPEDANCE DATA IN 15 SO CS 7 6 5 4 3 2 10 00 0 00 0 0 1 OPCODE device is ready for the next instruction Page Write The CAT25010/20/40 features page write capability. After the initial byte, the host may continue to write up to 16 bytes of data to the CAT25010/20/40. After each byte of data received, lower order address bits are internally incremented by one; the high order bits of address will remain constant. The only restriction is that the X (X=16 for CAT25010/20/40) bytes must reside on the same page. If the address counter reaches the end of the page and clock continues, the counter will “roll over” to the first address of the page and overwrite any data that may have been written. The CAT25010/20/40 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2 and Bit 3 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register. |
同様の部品番号 - CAT25040U |
|
同様の説明 - CAT25040U |